Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTGT50TL601G Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APTGT50TL601G
Description  Three level inverter Trench Field Stop IGBT Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT50TL601G Datasheet(HTML) 4 Page - Microsemi Corporation

  APTGT50TL601G Datasheet HTML 1Page - Microsemi Corporation APTGT50TL601G Datasheet HTML 2Page - Microsemi Corporation APTGT50TL601G Datasheet HTML 3Page - Microsemi Corporation APTGT50TL601G Datasheet HTML 4Page - Microsemi Corporation APTGT50TL601G Datasheet HTML 5Page - Microsemi Corporation APTGT50TL601G Datasheet HTML 6Page - Microsemi Corporation APTGT50TL601G Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
APTGT50TL601G
www.microsemi.com
4- 7
SP1 Package outline (dimensions in mm)
See application note 1904 - Mounting Instructions for SP1 Power Modules on www.microsemi.com
Q1 to Q4 Typical performance curve
Hard
switching
0
20
40
60
80
0
2040
6080
I
C (A)
V
CE=300V
D=50%
R
G=8.2Ω
T
J=150°C
T
c=85°C
Operating Frequency vs Collector Current



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com