Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL05C1001FS Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # RL05C1001FS
Description  Established Reliability Mil-Qualified Metal Glaze Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

RL05C1001FS Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  RL05C1001FS Datasheet HTML 1Page - IRC - a TT electronics Company. RL05C1001FS Datasheet HTML 2Page - IRC - a TT electronics Company. RL05C1001FS Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Sample Part No.
MIL Style
RL = Fixed Film Resistor.
Established reliability.
Power Rating
05 = 1/8 watt
07 = 1/4 watt
20 = 1/2 watt
Lead Material
C = Solderable/weldable leads
Resistance
First three digits represent significant figures;
fourth digit is number of zeros.
Tolerance
F = ±1%, G = ±2%
Failure Rate
S = 0.001% for 1000 hours (60% confidence)
Ordering Data
RLR
20
C 1001
F
S
Established Reliability
Mil-Qualified
Metal Glaze™ Resistor
100
80
60
0
0
125
150
175
Ambient Temperature (°C)
RLR
40
20
165
MIL Spec. Power Derating Chart
RLR Series Issue November 2008 Sheet 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com