Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPH1505LF Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # SPH1505LF
Description  GENERAL-PURPOSE FAILSAFE MOLDED WIREWOUND RESISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

SPH1505LF Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  SPH1505LF Datasheet HTML 1Page - IRC - a TT electronics Company. SPH1505LF Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPF
0.10Ω ±1700
0.11Ω - 0.16Ω ±1000
0.18Ω - 0.68Ω ±800
0.75Ω - 1000Ω ±400
1000V
5%
5%
5%
5%
5%
5%
5%
No Failures
SPH
0.1Ω - 0.16Ω ±1000
0.18Ω - 0.68Ω ±800
0.75Ω - 2400Ω ±400
1000V
5%
5%
5%
5%
5%
5%
5%
No Failures
Test
Temperature Coefficient (ppm)*
Dielectric Withstanding Voltage (RMS)
Momentary Overload
Low Temperature Operation
Temperature Cycle
Humidity
Load Life
Terminal Strength
Resistance to Solder Heat
Solderability
SPH POWER DERATING:
SPF TYPICAL FUSING:
SPF POWER DERATING:
SPH AND SPF
TEMPERATURE RISE:
HOW TO ORDER:
Sample Part No.:
SPH 150Ω 5% LF
IRC Type
Resistance Range
Tolerance
Lead Free Construction
Ambient Temperature (°C)
Ambient Temperature (°C)
Time (seconds)
SPH/SPF CHARACTERISTICS (TYPICAL PERFORMANCE):
*All ppm levels listed are maximum.
Power Input (watts)
WIREWOUND AND FILM TECHNOLOGIES DIVISION
736 Greenway Road • Boone, North Carolina 28607-1860 • Tel: 828-264-8861 • Fax: 828-264-8866 • www.irctt.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com