Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WBC-R0202GG-01-1002-K Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # WBC-R0202GG-01-1002-K
Description  Wire Bondable Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

WBC-R0202GG-01-1002-K Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  WBC-R0202GG-01-1002-K Datasheet HTML 1Page - IRC - a TT electronics Company. WBC-R0202GG-01-1002-K Datasheet HTML 2Page - IRC - a TT electronics Company. WBC-R0202GG-01-1002-K Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IRC Advanced Film Division
© IRC Advanced Film Division • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Email: afdsales@irctt.com • Website: www.irctt.com
WBC Series Issue April 2006
Manufacturing Capabilities Data
Wire Bondable
Chip Resistors
Power Derating Data
Absolute TCR
Commercial
Code
MIL Inspection
Code*
±300ppm/°C
00
04
±100ppm/°C
01
05
±50ppm/°C
02
06
±25ppm/°C
03
07
TCR/Inspection Code Table
Resistance Range
Available Absolute
Tolerances
Available Ratio
Tolerances (T0303 only)
Best Absolute TCR
Tracking TCR
(T0303 only)
10
Ω-20Ω
G J K
F G J
±100ppm/°C
±50ppm/°C
21
Ω−50Ω
F G J K
F G J
±100ppm/°C
±50ppm/°C
51
Ω-100Ω
C D F G J K
C D F G J
±100ppm/°C
±25ppm/°C
101
Ω−200Ω
C D F G J K
C D F G J
±50ppm/°C
±10ppm/°C
201
Ω−500Ω
B C D F G J K
B C D F G J
±50ppm/°C
±5ppm/°C
501
Ω-999Ω
B C D F G J K
B C D F G J
±25ppm/°C
±2ppm/°C
1.0K
Ω-1.0MΩ
B C D F G J K
A B C D F G J
±25ppm/°C
±2ppm/°C
*Notes: Product supplied to Class H of MIL-PRF 38534 includes 100% visual inspection



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com