Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WBC-R0202GS-01-1002-K Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # WBC-R0202GS-01-1002-K
Description  Wire Bondable Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

WBC-R0202GS-01-1002-K Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  WBC-R0202GS-01-1002-K Datasheet HTML 1Page - IRC - a TT electronics Company. WBC-R0202GS-01-1002-K Datasheet HTML 2Page - IRC - a TT electronics Company. WBC-R0202GS-01-1002-K Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
IRC Advanced Film Division
© IRC Advanced Film Division • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Email: afdsales@irctt.com • Website: www.irctt.com
WBC Series Issue April 2006
Wire Bondable
Chip Resistors
Environmental Data
Prefix
WBC - RO2O2
A
S - 01 - 1002 - F
B
Style
R0202 = Discrete Element
B0202 = Discrete Element with Back Contact
T0303 = Tapped Network
Bonding pads
A = Aluminum; G = Gold
Backside
G = Gold; S = Silicon
TCR/Inspection Code
Reference TCR/Inspection Code Table
Total Resistance (R)
4-Digit Resistance Code Ex: 1002 = 10K
Ω; 50R1 = 50.1Ω
Absolute Tolerance Code
K = ±10%; J = ±5%; G = ±2%; F = ±1%; D = ±0.5%; C = ±0.25%; B = ±0.1%
Ratio Tolerance Code (T0303 Only)
J = ±5%; G = ±2%; F = ±1%; D = 0.5%; C = ±0.25%; B = ±0.1%; A = ±0.05%
Packaging
Standard packaging is 2˝ x 2˝ chip tray. For additional information or to discuss your
specific requirements, please contact our Applications Team using the contact details below.
Ordering Data
Method
Max
∆R
Typical
∆R
Thermal Shock
MIL-STD-202
Method 107
Test condition F
±0.1%
±0.02%
High Temperature Exposure
MIL-STD-883
Method 1008
150°C, 1000 hours
±0.1%
±0.05%
Low Temperature Storage
-55°C, 1000 hours
±0.03%
±0.01%
Life
MIL-STD-202
Method 108
70°C, 1000 hours
±0.5%
±0.01%
Life at Elevated Temperature
MIL-STD-202
Method 108
125°C, 1000 hours
±0.5%
±0.05%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com