Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH3216-R22M Datasheet(PDF) 4 Page - PREMO CORPORATION S.L

Part # CDH3216-R22M
Description  SMD Power Inductors Unshielded
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

CDH3216-R22M Datasheet(HTML) 4 Page - PREMO CORPORATION S.L

  CDH3216-R22M Datasheet HTML 1Page - PREMO CORPORATION S.L CDH3216-R22M Datasheet HTML 2Page - PREMO CORPORATION S.L CDH3216-R22M Datasheet HTML 3Page - PREMO CORPORATION S.L CDH3216-R22M Datasheet HTML 4Page - PREMO CORPORATION S.L CDH3216-R22M Datasheet HTML 5Page - PREMO CORPORATION S.L CDH3216-R22M Datasheet HTML 6Page - PREMO CORPORATION S.L CDH3216-R22M Datasheet HTML 7Page - PREMO CORPORATION S.L CDH3216-R22M Datasheet HTML 8Page - PREMO CORPORATION S.L CDH3216-R22M Datasheet HTML 9Page - PREMO CORPORATION S.L Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CDH3216 , CDH32 , CDH3225 ,
CDH3226 , CDH45 , CDH45A &
CDH45B
SMD Power Inductors Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
4
CDH3225 (1µH – 560µH)
DWG No.
Inductance
(
µH)
Test Freq.
L
(MHz)
SRF
(MHz)
min.
RDC
(
Ω)
max.
IDC
(mA)
max.
CDH3225 – 1R0M
1.0±20%
1
96.0
0.117
800
CDH3225 – 2R2M
2.2±20%
1
64.0
0.169
600
CDH3225 – 4R7M
4.7±20%
1
43.0
0.260
450
CDH3225 – 100K
10.0±10%
1
26.0
0.572
300
CDH3225 – 220K
22.0±10%
1
19.0
0.923
250
CDH3225 – 470K
47.0±10%
1
15.0
1.690
170
CDH3225 – 101K
100.0±10%
1
10.0
4.550
100
CDH3225 – 221K
220.0±10%
1
6.8
10.900
70
CDH3225 – 331K
330.0±10%
1
5.6
13.000
60
CDH3225 – 391K
390.0±10%
1
5.0
22.100
60
CDH3225 – 471K
470.0±10%
1
5.0
24.700
60
CDH3225 – 561K
560.0±10%
0.001
5.0
28.600
60
CDH3226 (1µH – 100µH)
DWG No.
Inductance
(
µH)
Test Freq.
L
(MHz)
SRF
(MHz)
min.
RDC
(
Ω)
max.
IDC
(mA)
CDH3226 – 1R0M
1.0±20%
1
100.0
0.078
1000
CDH3226 – 2R2M
2.2±20%
1
63.0
0.126
790
CDH3226 – 4R7M
4.7±20%
1
43.0
0.195
650
CDH3226 – 100K
10.0±10%
1
26.0
0.390
450
CDH3226 – 150K
15.0±10%
1
26.0
0.754
300
CDH3226 – 220K
22.0±10%
1
19.0
0.923
250
CDH3226 – 330K
33.0±10%
1
17.0
1.430
200
CDH3226 – 470K
47.0±10%
1
15.0
1.690
170
CDH3226 – 680K
68.0±10%
1
12.0
2.860
130
CDH3226 – 101K
100.0±10%
1
10.0
4.550
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com