Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH3216-R33M Datasheet(PDF) 5 Page - PREMO CORPORATION S.L

Part # CDH3216-R33M
Description  SMD Power Inductors Unshielded
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

CDH3216-R33M Datasheet(HTML) 5 Page - PREMO CORPORATION S.L

  CDH3216-R33M Datasheet HTML 1Page - PREMO CORPORATION S.L CDH3216-R33M Datasheet HTML 2Page - PREMO CORPORATION S.L CDH3216-R33M Datasheet HTML 3Page - PREMO CORPORATION S.L CDH3216-R33M Datasheet HTML 4Page - PREMO CORPORATION S.L CDH3216-R33M Datasheet HTML 5Page - PREMO CORPORATION S.L CDH3216-R33M Datasheet HTML 6Page - PREMO CORPORATION S.L CDH3216-R33M Datasheet HTML 7Page - PREMO CORPORATION S.L CDH3216-R33M Datasheet HTML 8Page - PREMO CORPORATION S.L CDH3216-R33M Datasheet HTML 9Page - PREMO CORPORATION S.L Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CDH3216 , CDH32 , CDH3225 ,
CDH3226 , CDH45 , CDH45A &
CDH45B
SMD Power Inductors Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
5
CDH45 (1µH – 2200µH)
Test Freq.
DWG No.
Inductance
(
µH)
Q
ref.
L
(MHz)
Q
(MHz)
SRF
(MHz)
nom.
RDC
(
Ω)
max.
Irms1
(mA)
∆T=20ºC
max.
Irms2
(mA)
∆T=40ºC
max.
CDH45 – 1R0M
1.0±20%
40
1
1
165.0
0.080
1400
1800
CDH45 – 1R5M
1.5±20%
42
1
1
130.0
0.090
1350
1750
CDH45 – 1R8M
1.8±20%
45
1
1
100.0
0.100
1300
1700
CDH45 – 2R2M
2.2±20%
40
1
1
80.0
0.110
1250
1600
CDH45 – 2R7M
2.7±20%
40
1
1
63.0
0.120
1200
1500
CDH45 – 3R3M
3.3±20%
45
1
1
58.0
0.130
1000
1400
CDH45 – 3R9M
3.9±20%
40
1
1
54.0
0.140
960
1320
CDH45 – 4R7M
4.7±20%
36
1
1
45.0
0.150
940
1240
CDH45 – 5R6M
5.6±20%
36
1
1
41.0
0.180
920
1180
CDH45 – 6R8M
6.8±20%
36
1
1
37.0
0.200
860
1100
CDH45 – 8R2M
8.2±20%
36
1
1
34.0
0.250
780
1000
CDH45 – 100M
10.0±20%
48
1
1
30.0
0.300
750
950
CDH45 – 120M
12.0±20%
48
1
1
28.0
0.420
700
800
CDH45 – 150M
15.0±20%
45
1
1
26.0
0.500
650
730
CDH45 – 180M
18.0±20%
42
1
1
22.0
0.600
570
680
CDH45 – 220K
22.0±10%
50
1
1
20.0
0.700
460
630
CDH45 – 270K
27.0±10%
50
1
1
19.0
0.900
360
520
CDH45 – 330K
33.0±10%
55
1
1
18.0
1.100
330
430
CDH45 – 390K
39.0±10%
60
1
1
17.0
1.300
310
410
CDH45 – 470K
47.0±10%
60
1
1
15.0
1.500
285
390
CDH45 – 560K
56.0±10%
58
1
1
14.0
1.600
270
385
CDH45 – 680K
68.0±10%
58
1
1
11.0
2.100
230
330
CDH45 – 820K
82.0±10%
60
1
1
11.0
2.200
215
300
CDH45 – 101K
100.0±10%
60
1
0.796
10.0
2.500
200
270
CDH45 – 121K
120.0±10%
60
1
0.796
9.0
3.000
180
240
CDH45 – 151K
150.0±10%
55
1
0.796
8.5
3.700
165
220
CDH45 – 181K
180.0±10%
55
1
0.796
7.0
4.500
145
200
CDH45 – 221K
220.0±10%
45
1
0.796
6.3
5.400
130
185
CDH45 – 271K
270.0±10%
50
1
0.796
6.0
8.000
110
140
CDH45 – 331K
330.0±10%
55
1
0.796
5.8
11.500
100
120
CDH45 – 391K
390.0±10%
50
1
0.796
5.2
13.000
95
110
CDH45 – 471K
470.0±10%
50
0.001
0.796
5.0
14.200
85
105
CDH45 – 561K
560.0±10%
53
0.001
0.796
4.5
15.500
80
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com