Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WBC-R0202GS-01-1002-G Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # WBC-R0202GS-01-1002-G
Description  Wire Bondable Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

WBC-R0202GS-01-1002-G Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  WBC-R0202GS-01-1002-G Datasheet HTML 1Page - IRC - a TT electronics Company. WBC-R0202GS-01-1002-G Datasheet HTML 2Page - IRC - a TT electronics Company. WBC-R0202GS-01-1002-G Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IRC Advanced Film Division
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Email: afdsales@irctt.com • Website: www.irctt.com
WBC Series Issue April 2006
Wire Bondable
Chip Resistors
• Discrete or tapped schematics
• MIL inspection available
• High resistor density
WBC Series
IRC’s WBC series wire bondable chip resistors are ideally suited for
the most demanding hybrid application. The WBC combines IRC’s
TaNSil® tantalum nitride thin film technology with silicon substrate processing to produce an extremely small
®
®
footprint device with the proven stability, reliability and moisture performance of IRC’s TaNSil® resistor film.
®
®
Available in a wide range of tolerances and temperature coefficients to fit a variety of hybrid circuit applica-
tions. Custom resistance values, sizes and schematics are available on request from the factory.
Absolute Tolerance
to ±0.1%
Absolute TCR
to ±25ppm/°C
Package Power Rating
(@ 70°C)
250mW
Rated Operating Voltage
(not to exceed
P x R )
100V
Operating Temperature
-55°C to +150°C
Noise
<-30dB
Substrate Material
Oxidized Silicon
(10KÅ SiO
2 min)
Substrate Thickness
0.010˝ ±0.001
(0.254mm ±0.025)
Bond Pad
Metallization
Aluminum
10KÅ minimum
Gold
15KÅ minimum
Backside
R0202 and
T0303
Silicon
(Gold available)
B0202
Gold
3KÅ minimum
Passivation
Silicon Dioxide or
Silicon Nitride
√
Rated Operating Voltage
Rated Operating Voltage
(not to exceed
P x R )
(not to exceed
P x R )
Rated Operating Voltage
√
Rated Operating Voltage
Rated Operating Voltage
Electrical Data
0.020˝ ±0.001
(0.508mm ±0.025)
0.020˝ ±0.001
(0.508mm ±0.025)
0.030˝ ±0.001
(0.762mm ±0.025)
0.004˝ min bond pad size
0.004˝ min bond pad size
Back contact
Top contact
Physical Data
R0202 - Discrete
T0303 - Tapped network ½R + ½R
B0202 - Discrete back contact
Top contact
pad chamfered
R
R
½R
½R
0.004˝ min bond pad size


Similar Part No. - WBC-R0202GS-01-1002-G

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
WBC-R0202CRAG-01-2004-GD IRCTT-WBC-R0202CRAG-01-2004-GD Datasheet
378Kb / 3P
Wire Bondable High Range Chip Resistors
WBC-R0202CRAG-01-2004-GF IRCTT-WBC-R0202CRAG-01-2004-GF Datasheet
378Kb / 3P
Wire Bondable High Range Chip Resistors
WBC-R0202CRAG-01-2004-GG IRCTT-WBC-R0202CRAG-01-2004-GG Datasheet
378Kb / 3P
Wire Bondable High Range Chip Resistors
WBC-R0202CRAG-01-2004-GJ IRCTT-WBC-R0202CRAG-01-2004-GJ Datasheet
378Kb / 3P
Wire Bondable High Range Chip Resistors
WBC-R0202CRAG-01-2004-JD IRCTT-WBC-R0202CRAG-01-2004-JD Datasheet
378Kb / 3P
Wire Bondable High Range Chip Resistors
More results

Similar Description - WBC-R0202GS-01-1002-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SAK1UF0124 VISHAY-SAK1UF0124 Datasheet
94Kb / 3P
Current Sensing Bondable Chip Resistors
06-Oct-08
logo
IRC - a TT electronics ...
WBA-T0303GG-01-1002-KJ IRCTT-WBA-T0303GG-01-1002-KJ Datasheet
507Kb / 3P
Wire Bondable Ceramic Resistors
WBC-C0202AA-102-M IRCTT-WBC-C0202AA-102-M Datasheet
754Kb / 2P
Wire Bondable Chip Capacitor
WBC-M0303AG-01-2402-M IRCTT-WBC-M0303AG-01-2402-M Datasheet
524Kb / 3P
Wire Bondable Multi-tap Chip Resistors
WBC-R0202CRAG-01-2004-KJ IRCTT-WBC-R0202CRAG-01-2004-KJ Datasheet
378Kb / 3P
Wire Bondable High Range Chip Resistors
logo
Riedon Powertron
CBR0402 RIEDON-CBR0402 Datasheet
188Kb / 2P
High Temperature Bondable Thick Film Chip Resistors
logo
Anaren Microwave
R1K131350R0G5F3 ANAREN-R1K131350R0G5F3 Datasheet
167Kb / 2P
Wire Bondable
logo
TT Electronics.
WBC TTELEC-WBC_17 Datasheet
359Kb / 3P
Wire Bondable Chip Resistors
WBC-RC TTELEC-WBC-RC Datasheet
524Kb / 3P
Wire Bondable Resistor
WBC-C0606AG-102-K TTELEC-WBC-C0606AG-102-K Datasheet
867Kb / 2P
Wire Bondable Chip Capacitor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com