Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS1204-R50M Datasheet(PDF) 1 Page - PREMO CORPORATION S.L

Part # PS1204-R50M
Description  SMD Power Inductors Shielded
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PS1204-R50M Datasheet(HTML) 1 Page - PREMO CORPORATION S.L

  PS1204-R50M Datasheet HTML 1Page - PREMO CORPORATION S.L PS1204-R50M Datasheet HTML 2Page - PREMO CORPORATION S.L PS1204-R50M Datasheet HTML 3Page - PREMO CORPORATION S.L PS1204-R50M Datasheet HTML 4Page - PREMO CORPORATION S.L PS1204-R50M Datasheet HTML 5Page - PREMO CORPORATION S.L PS1204-R50M Datasheet HTML 6Page - PREMO CORPORATION S.L PS1204-R50M Datasheet HTML 7Page - PREMO CORPORATION S.L PS1204-R50M Datasheet HTML 8Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PS1204 , PS1205A , PS1205B ,
PS1206 & PS1206B
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
1
1. Configuration & Dimensions
PS1204, PS1205B, PS1206B
PS1205A, PS1206
Dimensions [mm]
Series
A
B
C
D
E(nom.)
E1(ref.)
E2(ref.)
F
F1(ref.)
F2(ref.)
PS1204
12.50±0.3
12.50±0.3
4.00±0.3
1.90±0.2
2.50
3.00
2.00
7.50±0.25
6.40
5.20
PS1205A
12.50±0.3
12.50±0.3
5.00±0.3
1.90±0.2
2.50
3.00
2.00
7.50±0.25
6.40
5.20
PS1205B
12.50±0.3
12.50±0.3
5.00±0.3
1.90±0.2
2.50
3.00
2.00
7.50±0.25
6.40
5.20
PS1206
12.50±0.3
12.50±0.3
5.70±0.3
1.90±0.2
2.50
2.00
2.00
7.50±0.25
6.40
5.20
PS1206B
12.50±0.3
12.50±0.3
5.70±0.3
1.90±0.2
2.50
2.00
2.00
7.50±0.25
6.40
5.20
H(ref.)
I(ref.)
J(ref.)
K(ref.)
M(ref.)
N(ref.)
P(ref.)
P1(ref.)
P2(ref.)
10.50
4.15
3.00
13.00
4.70
4.50
7.50
3.75
3.75
2. Schematic Diagram


Similar Part No. - PS1204-R50M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PS120420 TRIPPLITE-PS120420 Datasheet
159Kb / 3P
4-Outlet Vertical Power Strip, 2-15A & 2-20A, 120V, 15 ft. (4.57 m) Cord, 5-20P, 12 in.
More results

Similar Description - PS1204-R50M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
Shielded SMD Power Inductors
SRR0905 BOURNS-SRR0905 Datasheet
351Kb / 2P
Shielded SMD Power Inductors
SRU1028 BOURNS-SRU1028 Datasheet
155Kb / 2P
Shielded SMD Power Inductors
logo
Superworld Electronics
STB1106 SUPERWORLD-STB1106 Datasheet
484Kb / 5P
SHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PSH3018 PREMO-PSH3018 Datasheet
356Kb / 11P
SMD Power Inductors Shielded
SHA PREMO-SHA Datasheet
167Kb / 9P
SMD Power Inductors Shielded
logo
Bourns Electronic Solut...
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com