Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS0703-331M Datasheet(PDF) 3 Page - PREMO CORPORATION S.L

Part # PS0703-331M
Description  SMD Power Inductors Shielded
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PS0703-331M Datasheet(HTML) 3 Page - PREMO CORPORATION S.L

  PS0703-331M Datasheet HTML 1Page - PREMO CORPORATION S.L PS0703-331M Datasheet HTML 2Page - PREMO CORPORATION S.L PS0703-331M Datasheet HTML 3Page - PREMO CORPORATION S.L PS0703-331M Datasheet HTML 4Page - PREMO CORPORATION S.L PS0703-331M Datasheet HTML 5Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PS0703
PS0703
PS0703
PS0703 & PS0704
PS0704
PS0704
PS0704
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com
Web http://www.grupopremo.com
SMD Power Inductors
SMD Power Inductors
SMD Power Inductors
SMD Power Inductors
P
P
P
P
P
P
P
P
P
P
P
PR
R
R
R
R
R
R
R
R
R
R
RE
E
E
E
E
E
E
E
E
E
E
EM
M
M
M
M
M
M
M
M
M
M
MO
O
O
O
O
O
O
O
O
O
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
3
PS
PS
PS
PS0704
0704
0704
0704 (10µH – 1000µH)
DWG No.
Inductance
(
µµµµH)
Test Freq.
L
(KHz)
RDC
(
Ω
Ω
Ω
Ω)
max.
Irms
(A)
Isat
(A)
PS0704 – 100M
10.0±20%
1
0.052
2.10
2.50
PS0704 – 120M
12.0±20%
1
0.062
2.00
2.30
PS0704 – 150M
15.0±20%
1
0.075
1.90
2.10
PS0704 – 180M
18.0±20%
1
0.090
1.80
1.95
PS0704 – 220M
22.0±20%
1
0.096
1.65
1.75
PS0704 – 270M
27.0±20%
1
0.130
1.45
1.62
PS0704 – 330M
33.0±20%
1
0.150
1.35
1.45
PS0704 – 390M
39.0±20%
1
0.190
1.17
1.30
PS0704 – 470M
47.0±20%
1
0.210
1.05
1.20
PS0704 – 560M
56.0±20%
1
0.240
0.95
1.10
PS0704 – 680M
68.0±20%
1
0.300
0.86
0.96
PS0704 – 820M
82.0±20%
1
0.400
0.78
0.90
PS0704 – 101M
100.0±20%
1
0.450
0.70
0.78
PS0704 – 121M
120.0±20%
1
0.550
0.60
0.70
PS0704 – 151M
150.0±20%
1
0.760
0.48
0.58
PS0704 – 181M
180.0±20%
1
0.820
0.46
0.54
PS0704 – 221M
220.0±20%
1
0.950
0.42
0.50
PS0704 – 271M
270.0±20%
1
1.200
0.38
0.46
PS0704 – 331M
330.0±20%
1
1.500
0.34
0.40
PS0704 – 391M
390.0±20%
1
1.850
0.32
0.36
PS0704 – 471M
470.0±20%
1
2.200
0.29
0.34
PS0704 – 561M
560.0±20%
1
2.600
0.26
0.30
PS0704 – 681M
680.0±20%
1
2.800
0.24
0.28
PS0704 – 821M
820.0±20%
1
3.500
0.22
0.26
PS0704 – 102M
1000.0±20%
1
4.100
0.20
0.24
[Inductance tested at 1V] [Irms base on temp. rise 40ºC max.] [Isat base on ∆L/L0A = 25% max.]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com