Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSP1045-R80M Datasheet(PDF) 2 Page - PREMO CORPORATION S.L

Part # PSP1045-R80M
Description  SMD Power Inductors Shielded
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PSP1045-R80M Datasheet(HTML) 2 Page - PREMO CORPORATION S.L

  PSP1045-R80M Datasheet HTML 1Page - PREMO CORPORATION S.L PSP1045-R80M Datasheet HTML 2Page - PREMO CORPORATION S.L PSP1045-R80M Datasheet HTML 3Page - PREMO CORPORATION S.L PSP1045-R80M Datasheet HTML 4Page - PREMO CORPORATION S.L PSP1045-R80M Datasheet HTML 5Page - PREMO CORPORATION S.L PSP1045-R80M Datasheet HTML 6Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PSP1045
PSP1045
PSP1045
PSP1045 & PSP1055
PSP1055
PSP1055
PSP1055
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com
Web http://www.grupopremo.com
SMD Power Inductors
SMD Power Inductors
SMD Power Inductors
SMD Power Inductors
P
P
P
P
P
P
P
P
P
P
P
PR
R
R
R
R
R
R
R
R
R
R
RE
E
E
E
E
E
E
E
E
E
E
EM
M
M
M
M
M
M
M
M
M
M
MO
O
O
O
O
O
O
O
O
O
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
2
4. General Specification
a.- Storage temp. : -55ºC ~ +135ºC
b.- Operating temp. : -55ºC ~ +135ºC
(Temp. rise included)
c.- Resistance to solder heat : 260ºC. 10 secs
5. Electrical Characteristics
PSP1045
PSP1045
PSP1045
PSP1045 (0.36µH – 3.20µH)
RDC
(m )
DWG No.
Inductance
(
µµµµH)
Test Freq.
L
(KHz)
typ.
max.
Irms
(A)
max.
Isat
(A)
typ.
PSP1045 – R36N
0.36±30%
100
1.3
1.7
23.0
26.0
PSP1045 – R80M
0.80±20%
100
3.0
3.9
15.0
17.0
PSP1045 – 1R4M
1.40±20%
100
3.4
4.4
13.0
14.0
PSP1045 – 2R2M
2.20±20%
100
6.7
8.7
9.5
10.0
PSP1045 – 3R2M
3.20±20%
100
8.0
10.4
8.0
8.0
PSP1055
PSP1055
PSP1055
PSP1055 (0.36µH – 8.80µH)
RDC
(m )
DWG No.
Inductance
(
µµµµH)
Test Freq.
L
(KHz)
typ.
max.
Irms
(A)
max.
Isat
(A)
typ.
PSP1055 – R36N
0.36±30%
100
1.3
1.7
28.0
26.0
PSP1055 – R80M
0.80±20%
100
1.9
2.5
20.0
18.0
PSP1055 – 1R4M
1.40±20%
100
2.4
3.2
16.0
14.0
PSP1055 – 2R2M
2.20±20%
100
4.7
5.8
12.0
10.0
PSP1055 – 3R2M
3.20±20%
100
5.6
7.2
11.0
9.0
PSP1055 – 4R3M
4.30±20%
100
6.5
8.5
10.0
8.0
PSP1055 – 5R7M
5.70±20%
100
10.7
13.2
7.6
7.0
PSP1055 – 7R2M
7.20±20%
100
11.9
15.5
7.0
6.2
PSP1055 – 8R8M
8.80±20%
100
13.2
17.2
6.0
5.6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com