Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSP1055-R36N Datasheet(PDF) 4 Page - PREMO CORPORATION S.L

Part # PSP1055-R36N
Description  SMD Power Inductors Shielded
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PSP1055-R36N Datasheet(HTML) 4 Page - PREMO CORPORATION S.L

  PSP1055-R36N Datasheet HTML 1Page - PREMO CORPORATION S.L PSP1055-R36N Datasheet HTML 2Page - PREMO CORPORATION S.L PSP1055-R36N Datasheet HTML 3Page - PREMO CORPORATION S.L PSP1055-R36N Datasheet HTML 4Page - PREMO CORPORATION S.L PSP1055-R36N Datasheet HTML 5Page - PREMO CORPORATION S.L PSP1055-R36N Datasheet HTML 6Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PSP1045
PSP1045
PSP1045
PSP1045 & PSP1055
PSP1055
PSP1055
PSP1055
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com
Web http://www.grupopremo.com
SMD Power Inductors
SMD Power Inductors
SMD Power Inductors
SMD Power Inductors
P
P
P
P
P
P
P
P
P
P
P
PR
R
R
R
R
R
R
R
R
R
R
RE
E
E
E
E
E
E
E
E
E
E
EM
M
M
M
M
M
M
M
M
M
M
MO
O
O
O
O
O
O
O
O
O
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
4
PSP1055
7. Packaging Information
P: 16mm
4mm
Leader
Trailer
no component
Components
no component
160 mm min.
400 mm min.
User direction of feed



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com