Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5023-2R2 Datasheet(PDF) 3 Page - PREMO CORPORATION S.L

Part # PS5023-2R2
Description  SMD Power Inductors Unshielded
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PS5023-2R2 Datasheet(HTML) 3 Page - PREMO CORPORATION S.L

  PS5023-2R2 Datasheet HTML 1Page - PREMO CORPORATION S.L PS5023-2R2 Datasheet HTML 2Page - PREMO CORPORATION S.L PS5023-2R2 Datasheet HTML 3Page - PREMO CORPORATION S.L PS5023-2R2 Datasheet HTML 4Page - PREMO CORPORATION S.L PS5023-2R2 Datasheet HTML 5Page - PREMO CORPORATION S.L PS5023-2R2 Datasheet HTML 6Page - PREMO CORPORATION S.L PS5023-2R2 Datasheet HTML 7Page - PREMO CORPORATION S.L PS5023-2R2 Datasheet HTML 8Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PS5009
,
PS5014
,
PS5017
,















PS5023
&
PS6011





































SMD
Power
Inductors
Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD
Power
Inductors


















































P
PP R
R
R E
EE M
M
M O
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
3
5. Electrical Characteristics




PS5009

(1µH
–
100µH)



DWG No.
Inductance
(µH)
Test Freq.
L
(KHz)
RDC
(Ω)
max.
Irms
(A)
typ.
Isat
(A)
typ.
PS5009 – 1R0M
1.0±20%
100
0.060
1.50
1.80
PS5009 – 2R2M
2.2±20%
100
0.098
1.20
1.35
PS5009 – 3R3M
3.3±20%
100
0.130
1.05
1.10
PS5009 – 4R7M
4.7±20%
100
0.165
0.90
1.00
PS5009 – 6R8M
6.8±20%
100
0.250
0.70
0.82
PS5009 – 100M
10.0±20%
100
0.320
0.60
0.68
PS5009 – 150M
15.0±20%
100
0.500
0.47
0.55
PS5009 – 220M
22.0±20%
100
0.750
0.38
0.43
PS5009 – 330M
33.0±20%
100
1.150
0.30
0.35
PS5009 – 470M
47.0±20%
100
1.650
0.23
0.28
PS5009 – 680M
68.0±20%
100
2.560
0.18
0.22
PS5009 – 101M
100.0±20%
100
3.200
0.15
0.18


PS5014

(1µH
–
100µH)



DWG No.
Inductance
(µH)
Test Freq.
L
(KHz)
RDC
(Ω)
max.
Irms
(A)
typ.
Isat
(A)
typ.
PS5014 – 1R0M
1.0±20%
100
0.032
2.50
2.80
PS5014 – 2R2M
2.2±20%
100
0.058
1.80
2.10
PS5014 – 3R3M
3.3±20%
100
0.078
1.60
1.72
PS5014 – 4R7M
4.7±20%
100
0.105
1.20
1.40
PS5014 – 6R8M
6.8±20%
100
0.150
1.05
1.15
PS5014 – 100M
10.0±20%
100
0.185
0.90
1.00
PS5014 – 150M
15.0±20%
100
0.300
0.65
0.80
PS5014 – 220M
22.0±20%
100
0.430
0.60
0.66
PS5014 – 330M
33.0±20%
100
0.625
0.45
0.53
PS5014 – 470M
47.0±20%
100
0.890
0.35
0.46
PS5014 – 680M
68.0±20%
100
1.250
0.30
0.35
PS5014 – 101M
100.0±20%
100
1.950
0.22
0.28



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com