Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5023-3R3 Datasheet(PDF) 4 Page - PREMO CORPORATION S.L

Part # PS5023-3R3
Description  SMD Power Inductors Unshielded
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PS5023-3R3 Datasheet(HTML) 4 Page - PREMO CORPORATION S.L

  PS5023-3R3 Datasheet HTML 1Page - PREMO CORPORATION S.L PS5023-3R3 Datasheet HTML 2Page - PREMO CORPORATION S.L PS5023-3R3 Datasheet HTML 3Page - PREMO CORPORATION S.L PS5023-3R3 Datasheet HTML 4Page - PREMO CORPORATION S.L PS5023-3R3 Datasheet HTML 5Page - PREMO CORPORATION S.L PS5023-3R3 Datasheet HTML 6Page - PREMO CORPORATION S.L PS5023-3R3 Datasheet HTML 7Page - PREMO CORPORATION S.L PS5023-3R3 Datasheet HTML 8Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PS5009
,
PS5014
,
PS5017
,















PS5023
&
PS6011





































SMD
Power
Inductors
Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD
Power
Inductors


















































P
PP R
R
R E
EE M
M
M O
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
4
PS5017

(2.2µH
–
3300µH)

DWG No.
Inductance
(µH)
Test Freq.
L
(KHz)
RDC
(Ω)
max. / typ.
Irms
(mA)
max.
Isat
(mA)
typ.
PS5017 – 2R2
2.2±25%
100
0.055 / 0.040
2000
1800
PS5017 – 4R7
4.7±25%
100
0.092 / 0.071
1400
1300
PS5017 – 100
10.0±25%
100
0.195 / 0.155
900
800
PS5017 – 220
22.0±25%
100
0.420 / 0.327
700
580
PS5017 – 470L
47.0±15%
100
0.800 / 0.650
500
380
PS5017 – 101L
100.0±15%
100
1.800 / 1.450
320
270
PS5017 – 221L
220.0±15%
100
4.200 / 3.400
220
200
PS5017 – 471L
470.0±15%
100
8.500 / 6.850
150
130
PS5017 – 102L
1000.0±15%
100
18.50 / 15.50
90
80
PS5017 – 222L
2200.0±15%
100
40.00 / 34.00
60
55
PS5017 – 332L
3300.0±15%
100
68.00 / 57.00
50
40
PS5023

(2.2µH
–
1000µH)



DWG No.
Inductance
(µH)
Test Freq.
L
(KHz)
RDC
(Ω)
max. / typ.
Irms
(mA)
max.
Isat
(mA)
typ.
PS5023 – 2R2
2.2±25%
100
0.036 / 0.028
2200
2300
PS5023 – 3R3
3.3±25%
100
0.056 / 0.042
1750
1900
PS5023 – 4R7
4.7±25%
100
0.073 / 0.056
1550
1600
PS5023 – 100
10.0±25%
100
0.136 / 0.105
1300
1150
PS5023 – 220
22.0±25%
100
0.300 / 0.230
800
750
PS5023 – 470
47.0±25%
100
0.620 / 0.480
520
500
PS5023 – 101L
100.0±15%
100
1.100 / 0.900
350
360
PS5023 – 221L
220.0±15%
100
2.400 / 2.000
270
250
PS5023 – 471L
470.0±15%
100
5.500 / 4.600
180
160
PS5023 – 102L
1000.0±15%
100
13.50 / 11.50
100
85













Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com