Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5023-4R7 Datasheet(PDF) 2 Page - PREMO CORPORATION S.L

Part # PS5023-4R7
Description  SMD Power Inductors Unshielded
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PS5023-4R7 Datasheet(HTML) 2 Page - PREMO CORPORATION S.L

  PS5023-4R7 Datasheet HTML 1Page - PREMO CORPORATION S.L PS5023-4R7 Datasheet HTML 2Page - PREMO CORPORATION S.L PS5023-4R7 Datasheet HTML 3Page - PREMO CORPORATION S.L PS5023-4R7 Datasheet HTML 4Page - PREMO CORPORATION S.L PS5023-4R7 Datasheet HTML 5Page - PREMO CORPORATION S.L PS5023-4R7 Datasheet HTML 6Page - PREMO CORPORATION S.L PS5023-4R7 Datasheet HTML 7Page - PREMO CORPORATION S.L PS5023-4R7 Datasheet HTML 8Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PS5009
,
PS5014
,
PS5017
,















PS5023
&
PS6011





































SMD
Power
Inductors
Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD
Power
Inductors


















































P
PP R
R
R E
EE M
M
M O
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
2
3. Materials
PS5009, PS5014 & PS6011
a.- Core : Ferrite DR core
b.- Base : PCB Base FR4
c.- Adhesive : Epoxy resin
d.- Wire : Enamelled copper wire (class F)
e.- Terminal : Cu / Ni / Au
f.- Remark : Lead content 200ppm max. include ferrite
PS5017 & PS5023
4. General Specification
a.- Temp. rise : 40ºC typ.
b.- Storage temp. : -40ºC ~ +125ºC
c.- Operating temp. : -40ºC ~ +125ºC
(Temp. rise included)
d.- Resistance to solder heat : 260ºC. 10 secs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com