Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5023-100 Datasheet(PDF) 5 Page - PREMO CORPORATION S.L

Part # PS5023-100
Description  SMD Power Inductors Unshielded
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PS5023-100 Datasheet(HTML) 5 Page - PREMO CORPORATION S.L

  PS5023-100 Datasheet HTML 1Page - PREMO CORPORATION S.L PS5023-100 Datasheet HTML 2Page - PREMO CORPORATION S.L PS5023-100 Datasheet HTML 3Page - PREMO CORPORATION S.L PS5023-100 Datasheet HTML 4Page - PREMO CORPORATION S.L PS5023-100 Datasheet HTML 5Page - PREMO CORPORATION S.L PS5023-100 Datasheet HTML 6Page - PREMO CORPORATION S.L PS5023-100 Datasheet HTML 7Page - PREMO CORPORATION S.L PS5023-100 Datasheet HTML 8Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PS5009
,
PS5014
,
PS5017
,















PS5023
&
PS6011





































SMD
Power
Inductors
Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD
Power
Inductors


















































P
PP R
R
R E
EE M
M
M O
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
5






PS6011

(4.7µH
–
100µH)



RDC
(Ω)
DWG No.
Inductance
(µH)
Test Freq.
L
(KHz)
typ.
max.
Irms
(A)
typ.
Isat
(A)
max.
PS6011 – 4R7M
4.7±20%
100
0.096
0.130
1.20
1.30
PS6011 – 100M
10.0±20%
100
0.210
0.260
0.80
0.86
PS6011 – 220M
22.0±20%
100
0.450
0.560
0.50
0.57
PS6011 – 330M
33.0±20%
100
0.650
0.780
0.39
0.46
PS6011 – 470M
47.0±20%
100
0.910
1.100
0.32
0.38
PS6011 – 101M
100.0±20%
100
2.050
2.500
0.21
0.25
[Inductance test freq. at: 1V (PS5009, PS5014, PS5017, PS5023); 0.1V (PS6011)] [Irms base on temp. rise 40ºC] [Isat base on ∆L/L0A = 10 %]
6. Curve
Inductance VS. DC Current Curve
PS5009
PS5014
PS5017
PS5023



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com