Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT574CCJ Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT574CCJ
Description  FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT574CCJ Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT574CCJ Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT574CCJ Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT574CCJ Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT574CCJ Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT574CCJ Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT574CCJ Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT574CCJ Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT574CCJ Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT574CCJ Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SPT574
FAST, COMPLETE 12-BIT
µP COMPATIBLE
A/D CONVERTER WITH SAMPLE/HOLD
FEATURES
• Improved Version of the HADC574Z
• Complete 12-Bit A/D Converter with Sample/Hold,
Reference and Clock
• Low Power Dissipation (100 mW Max)
• 12-Bit Linearity (Over Temp)
• 25
µs Max Conversion Time
• Single +5 V Supply
• Full Bipolar and Unipolar Input Range
APPLICATIONS
• Data Acquisition Systems
• 8 or 12-Bit
µP Input Functions
• Process Control Systems
• Test and Scientific Instruments
• Personal Computer Interface
GENERAL DESCRIPTION
The SPT574 is a complete, 12-bit successive approximation
A/D converter manufactured in CMOS technology. The de-
vice is an improved version of the HADC574Z. Included on
chip are an internal reference, clock, and a sample-and-hold.
The S/H is an additional feature not available on similar
devices.
The SPT574 features 25
µs (max) conversion time of 10 or
20 V input signals. Also, a three-state output buffer is added
for direct interface to an 8, 12, or 16-bit
µP bus.
The SPT574 has standard bipolar and unipolar input ranges
of 10 V and 20 V that are controlled by a bipolar offset pin and
laser trimmed for specified linearity, gain and offset accuracy.
The power supply is +5 V. The device also has an optional
mode control voltage which may be used depending on the
application. With a maximum dissipation of 100 mW at the
specified voltages, power consumption is about five times
lower than that of currently available devices.
The SPT574 is available in 28-lead ceramic sidebrazed DIP,
PDIP and SOIC packages in the commercial temperature
range.
BLOCK DIAGRAM
Three-State Buffers And Control
Nibble A
Nibble B
Nibble C
12-Bit SAR
+
-
Comp
Clock
Offset/Gain
Trim
Control Logic
12-Bit
Capacitance
DAC
STS
AoCE
AGND
20 V In
12/8
CS
R/C
Ref
Ref Out
10 V In
BIP Off
Output


Similar Part No. - SPT574CCJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT574CCJ ETC1-SPT574CCJ Datasheet
117Kb / 12P
FAST, COMPLETE 12-BIT uP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
More results

Similar Description - SPT574CCJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC1241 NSC-ADC1241 Datasheet
268Kb / 14P
Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
logo
NXP Semiconductors
ADC0820 PHILIPS-ADC0820 Datasheet
107Kb / 14P
8-Bit, high-speed, mP-compatible A/D converter with track/hold function
August 31, 1994
NE5020 PHILIPS-NE5020 Datasheet
99Kb / 10P
10-Bit mP-compatible D/A converter
August 31, 1994
logo
List of Unclassifed Man...
ADC-HS12 ETC-ADC-HS12 Datasheet
251Kb / 4P
12 BIT A/D CONVERTER WITH SAMPLE HOLD
SPT774 ETC-SPT774 Datasheet
113Kb / 12P
FAST, COMPLETE 12-BIT UP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
SPT674 ETC1-SPT674 Datasheet
87Kb / 12P
FAST, COMPLETE 12-BIT uP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
SPT574 ETC1-SPT574 Datasheet
117Kb / 12P
FAST, COMPLETE 12-BIT uP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
logo
Cadeka Microcircuits LL...
SPT674 CADEKA-SPT674 Datasheet
422Kb / 11P
FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
SPT774 CADEKA-SPT774 Datasheet
519Kb / 12P
FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
logo
Texas Instruments
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com