Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT1175ACU Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # SPT1175ACU
Description  8-BIT, 20 MSPS CMOS A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT1175ACU Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  SPT1175ACU Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT1175ACU Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT1175ACU Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT1175ACU Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT1175ACU Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT1175ACU Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT1175ACU Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT1175ACU Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SPT1175
Table I - Output Coding
DIGITAL
INDEX
ANALOG INPUT (V)
OUTPUT
0
0.6078125
00000000
1
0.6078125 ~ 0.6156260
00000001
VRB=0.6 V
2
0.6156250 ~ 0.6234375
00000010
VRT=2.6 V
....
....
....
123
1.5921875 ~ 1.6000000
01111111
1 LSB=7.8125 mV
124
1.6000000 ~ 1.6078125
10000000
125
1.6078125 ~ 1.6156250
10000001
....
....
....
254
2.5843750 ~2.5921875
11111110
255
2.5921875 ~
11111111
Data (n-3)
Data (n-2)
Data (n-1)
Data (n)
td
VIN (n)
VIN (n+1)
VIN (n+2)
VIN (n+3)
Data
Clock
VIN
Figure 1A: Timing Diagram
Figure 1B: Tri-State Output Timing Diagram
DUT
2.5 V
220
Ω
50 pF
50%
2.5 V
90%
TdisL
50%
2.5 V
90%
TeneL
10%
VOL
VOL
50%
2.5 V
10%
TdisH
50%
2.5 V
90%
TeneH
VOH
VOH
OE
OE
OE
OE
4
6/24/97



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com