Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5022-150M Datasheet(PDF) 4 Page - PREMO CORPORATION S.L

Part # PS5022-150M
Description  SMD Power Inductors Shielded
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PS5022-150M Datasheet(HTML) 4 Page - PREMO CORPORATION S.L

  PS5022-150M Datasheet HTML 1Page - PREMO CORPORATION S.L PS5022-150M Datasheet HTML 2Page - PREMO CORPORATION S.L PS5022-150M Datasheet HTML 3Page - PREMO CORPORATION S.L PS5022-150M Datasheet HTML 4Page - PREMO CORPORATION S.L PS5022-150M Datasheet HTML 5Page - PREMO CORPORATION S.L PS5022-150M Datasheet HTML 6Page - PREMO CORPORATION S.L PS5022-150M Datasheet HTML 7Page - PREMO CORPORATION S.L PS5022-150M Datasheet HTML 8Page - PREMO CORPORATION S.L PS5022-150M Datasheet HTML 9Page - PREMO CORPORATION S.L Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PS0804 , PS0805 , PS1003 ,
PS3316=PS1005 & PS5022
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
4
PS1003 (1.8µH – 470µH)
Test Freq.
DWG No.
Inductance
(
µH)
Q
ref.
L
(KHz)
Q
(MHz)
RDC
(
Ω)
max.
Irms
(A)
∆T=40ºC
max.
Isat
(A)
∆L/L0A=10%
max.
PS1003 – 1R8M
1.8±20%
10
1
7.96
0.038
3.00
3.60
PS1003 – 2R2M
2.2±20%
11
1
7.96
0.045
2.76
3.40
PS1003 – 3R0M
3.0±20%
11
1
7.96
0.062
2.20
2.60
PS1003 – 3R9M
3.9±20%
10
1
7.96
0.070
2.10
2.40
PS1003 – 4R7M
4.7±20%
10
1
7.96
0.078
1.90
2.30
PS1003 – 7R5M
7.5±20%
10
1
7.96
0.100
1.44
1.70
PS1003 – 100M
10.0±20%
18
1
2.52
0.145
1.24
1.50
PS1003 – 120M
12.0±20%
20
1
2.52
0.185
1.10
1.30
PS1003 – 150M
15.0±20%
20
1
2.52
0.200
1.02
1.20
PS1003 – 180M
18.0±20%
20
1
2.52
0.270
0.90
1.10
PS1003 – 220M
22.0±20%
17
1
2.52
0.300
0.80
1.00
PS1003 – 270M
27.0±20%
17
1
2.52
0.400
0.75
0.90
PS1003 – 330M
33.0±20%
17
1
2.52
0.450
0.70
0.85
PS1003 – 390M
39.0±20%
18
1
2.52
0.560
0.65
0.80
PS1003 – 470M
47.0±20%
18
1
2.52
0.650
0.60
0.72
PS1003 – 560M
56.0±20%
15
1
2.52
0.680
0.52
0.65
PS1003 – 680M
68.0±20%
15
1
2.52
0.800
0.48
0.58
PS1003 – 820M
82.0±20%
20
1
2.52
1.200
0.42
0.52
PS1003 – 101M
100.0±20%
23
1
0.796
1.400
0.40
0.48
PS1003 – 121M
120.0±20%
22
1
0.796
1.520
0.35
0.44
PS1003 – 151M
150.0±20%
23
1
0.796
1.800
0.32
0.40
PS1003 – 181M
180.0±20%
20
1
0.796
2.200
0.28
0.35
PS1003 – 221M
220.0±20%
20
1
0.796
2.200
0.26
0.32
PS1003 – 271L
270.0±15%
26
1
0.796
3.100
0.22
0.28
PS1003 – 331L
330.0±15%
26
1
0.796
3.600
0.20
0.26
PS1003 – 391L
390.0±15%
28
1
0.796
4.600
0.18
0.22
PS1003 – 471L
470.0±15%
28
1
0.796
5.100
0.16
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com