Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5022-680M Datasheet(PDF) 6 Page - PREMO CORPORATION S.L

Part # PS5022-680M
Description  SMD Power Inductors Shielded
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PS5022-680M Datasheet(HTML) 6 Page - PREMO CORPORATION S.L

Back Button PS5022-680M Datasheet HTML 2Page - PREMO CORPORATION S.L PS5022-680M Datasheet HTML 3Page - PREMO CORPORATION S.L PS5022-680M Datasheet HTML 4Page - PREMO CORPORATION S.L PS5022-680M Datasheet HTML 5Page - PREMO CORPORATION S.L PS5022-680M Datasheet HTML 6Page - PREMO CORPORATION S.L PS5022-680M Datasheet HTML 7Page - PREMO CORPORATION S.L PS5022-680M Datasheet HTML 8Page - PREMO CORPORATION S.L PS5022-680M Datasheet HTML 9Page - PREMO CORPORATION S.L PS5022-680M Datasheet HTML 10Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PS0804 , PS0805 , PS1003 ,
PS3316=PS1005 & PS5022
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
6
PS3316 – 332K
3300.0±10%
50
1
0.252
1.2
10.000
0.10
PS5022 (10µH – 1000µH)
Test Freq.
DWG No.
Inductance
(
µH)
Q
ref.
L
(KHz)
Q
(MHz)
SRF
(MHz)
typ.
RDC
(Ω)
max.
Irms
(A)
∆T=40ºC
typ.
Isat
(A)
∆L/L0A=10%
typ.
PS5022 – 100M
10.0±20%
56
100
2.52
19.0
0.040
4.00
8.20
PS5022 – 150M
15.0±20%
53
100
2.52
17.5
0.052
3.60
7.20
PS5022 – 220M
22.0±20%
51
100
2.52
16.0
0.070
3.00
6.20
PS5022 – 330M
33.0±20%
44
100
2.52
10.0
0.100
2.50
5.00
PS5022 – 470M
47.0±20%
40
100
2.52
8.0
0.130
2.00
4.20
PS5022 – 680M
68.0±20%
37
100
2.52
6.0
0.200
1.60
3.40
PS5022 – 101M
100.0±20%
40
100
0.796
4.6
0.320
1.30
2.60
PS5022 – 151M
150.0±20%
39
100
0.796
4.3
0.500
1.05
2.30
PS5022 – 221M
220.0±20%
29
100
0.796
3.5
0.600
1.00
1.90
PS5022 – 331M
330.0±20%
30
100
0.796
3.0
0.920
0.80
1.40
PS5022 – 471M
470.0±20%
27
100
0.796
2.4
1.150
0.64
1.30
PS5022 – 681M
680.0±20%
19
100
0.796
2.1
1.700
0.54
1.10
PS5022 – 102M
1000.0±20%
46
100
0.252
1.5
2.450
0.45
0.90



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com