Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5022-151M Datasheet(PDF) 5 Page - PREMO CORPORATION S.L

Part # PS5022-151M
Description  SMD Power Inductors Shielded
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PS5022-151M Datasheet(HTML) 5 Page - PREMO CORPORATION S.L

  PS5022-151M Datasheet HTML 1Page - PREMO CORPORATION S.L PS5022-151M Datasheet HTML 2Page - PREMO CORPORATION S.L PS5022-151M Datasheet HTML 3Page - PREMO CORPORATION S.L PS5022-151M Datasheet HTML 4Page - PREMO CORPORATION S.L PS5022-151M Datasheet HTML 5Page - PREMO CORPORATION S.L PS5022-151M Datasheet HTML 6Page - PREMO CORPORATION S.L PS5022-151M Datasheet HTML 7Page - PREMO CORPORATION S.L PS5022-151M Datasheet HTML 8Page - PREMO CORPORATION S.L PS5022-151M Datasheet HTML 9Page - PREMO CORPORATION S.L Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PS0804 , PS0805 , PS1003 ,
PS3316=PS1005 & PS5022
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
5
PS3316=PS1005 (1µH – 3300µH)
Test Freq.
DWG No.
Inductance
(
µH)
Q
ref.
L
(KHz)
Q
(MHz)
SRF
(MHz)
nom.
RDC
(
Ω)
max.
IDC
(A)
max.
PS3316 – 1R0M
1.0±20%
25
1
7.96
120.0
0.017
4.50
PS3316 – 1R5M
1.5±20%
25
1
7.96
100.0
0.020
3.60
PS3316 – 2R2M
2.2±20%
25
1
7.96
90.0
0.027
3.10
PS3316 – 3R0M
3.0±20%
25
1
7.96
80.0
0.030
2.90
PS3316 – 4R7M
4.7±20%
25
1
7.96
50.0
0.040
2.50
PS3316 – 7R0M
7.0±20%
22
1
7.96
32.0
0.055
2.20
PS3316 – 100M
10.0±20%
48
1
2.52
30.0
0.065
2.00
PS3316 – 120M
12.0±20%
45
1
2.52
25.0
0.080
1.80
PS3316 – 150M
15.0±20%
40
1
2.52
20.0
0.085
1.70
PS3316 – 180L
18.0±15%
35
1
2.52
19.0
0.090
1.60
PS3316 – 220L
22.0±15%
42
1
2.52
18.0
0.100
1.40
PS3316 – 270L
27.0±15%
40
1
2.52
17.0
0.120
1.30
PS3316 – 330L
33.0±15%
40
1
2.52
15.0
0.160
1.20
PS3316 – 390L
39.0±15%
40
1
2.52
13.0
0.180
1.05
PS3316 – 470L
47.0±15%
35
1
2.52
12.0
0.190
1.00
PS3316 – 560L
56.0±15%
35
1
2.52
11.0
0.210
0.90
PS3316 – 680L
68.0±15%
35
1
2.52
9.0
0.340
0.82
PS3316 – 820L
82.0±15%
35
1
2.52
8.0
0.380
0.75
PS3316 – 101K
100.0±10%
35
1
0.796
7.5
0.420
0.68
PS3316 – 121K
120.0±10%
30
1
0.796
7.2
0.460
0.60
PS3316 – 151K
150.0±10%
28
1
0.796
6.2
0.520
0.55
PS3316 – 181K
180.0±10%
28
1
0.796
5.8
0.700
0.50
PS3316 – 221K
220.0±10%
30
1
0.796
5.2
0.800
0.45
PS3316 – 271K
270.0±10%
30
1
0.796
4.8
1.100
0.40
PS3316 – 331K
330.0±10%
30
1
0.796
4.5
1.200
0.35
PS3316 – 391K
390.0±10%
25
1
0.796
4.2
1.400
0.33
PS3316 – 471K
470.0±10%
40
1
0.796
3.0
1.600
0.30
PS3316 – 561K
560.0±10%
40
1
0.796
2.7
1.800
0.28
PS3316 – 681K
680.0±10%
37
1
0.796
2.6
2.300
0.26
PS3316 – 821K
820.0±10%
37
1
0.796
2.5
2.600
0.24
PS3316 – 102K
1000.0±10%
65
1
0.252
2.0
3.200
0.22
PS3316 – 122K
1200.0±10%
58
1
0.252
2.0
3.600
0.20
PS3316 – 152K
1500.0±10%
53
1
0.252
1.6
5.200
0.17
PS3316 – 182K
1800.0±10%
65
1
0.252
1.4
5.700
0.16
PS3316 – 222K
2200.0±10%
55
1
0.252
1.4
6.500
0.14
PS3316 – 272K
2700.0±10%
55
1
0.252
1.2
8.600
0.12



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com