Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT50GP60LDL Datasheet(PDF) 6 Page - Microsemi Corporation

Part # APT50GP60LDL
Description  Resonant Mode Combi IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT50GP60LDL Datasheet(HTML) 6 Page - Microsemi Corporation

  APT50GP60LDL Datasheet HTML 1Page - Microsemi Corporation APT50GP60LDL Datasheet HTML 2Page - Microsemi Corporation APT50GP60LDL Datasheet HTML 3Page - Microsemi Corporation APT50GP60LDL Datasheet HTML 4Page - Microsemi Corporation APT50GP60LDL Datasheet HTML 5Page - Microsemi Corporation APT50GP60LDL Datasheet HTML 6Page - Microsemi Corporation APT50GP60LDL Datasheet HTML 7Page - Microsemi Corporation APT50GP60LDL Datasheet HTML 8Page - Microsemi Corporation APT50GP60LDL Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
APT50GP60LDL(G)
Figure 22, Turn-on Switching Waveforms and Definitions
Figure 23, Turn-off Switching Waveforms and Definitions
APT50DL60
IC
A
D.U.T.
VCE
Figure 21, Inductive Switching Test Circuit
VCC
Collector Current
Collector Voltage
Switching Energy
5 %
10%
Gate Voltage
10%
t
d(on)
5%
t
r
90%
T
J = 125 °C
90%
Gate Voltage
Collector Voltage
Collector Current
0
t
f
90%
10%
t
d(off)
Switching Energy
T
T
J = 125 °C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com