Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT60GA60JD60 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # APT60GA60JD60
Description  High Speed PT IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT60GA60JD60 Datasheet(HTML) 7 Page - Microsemi Corporation

  APT60GA60JD60 Datasheet HTML 1Page - Microsemi Corporation APT60GA60JD60 Datasheet HTML 2Page - Microsemi Corporation APT60GA60JD60 Datasheet HTML 3Page - Microsemi Corporation APT60GA60JD60 Datasheet HTML 4Page - Microsemi Corporation APT60GA60JD60 Datasheet HTML 5Page - Microsemi Corporation APT60GA60JD60 Datasheet HTML 6Page - Microsemi Corporation APT60GA60JD60 Datasheet HTML 7Page - Microsemi Corporation APT60GA60JD60 Datasheet HTML 8Page - Microsemi Corporation APT60GA60JD60 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
STATIC ELECTRICAL CHARACTERISTICS
DYNAMIC CHARACTERISTICS
MAXIMUM RATINGS
All Ratings: T
C
= 25°C unless otherwise specified.
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
Symbol
Characteristic / Test Conditions
APT60GA60JD60
Unit
I
F(AV)
Maximum Average Forward Current (T
C = 92°C, Duty Cycle = 0.5)
60
Amps
I
F(RMS)
RMS Forward Current (Square wave, 50% duty)
79
I
FSM
Non-Repetitive Forward Surge Current (T
J = 45°C, 8.3 ms)
600
Symbol
Characteristic / Test Conditions
Min
Type
Max
Unit
V
F
Forward Voltage
I
F = 60A
1.7
Volts
I
F = 120A
2.0
I
F = 60A, TJ = 125°C
1.4
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
t
rr
Reverse Recovery Time
I
F = 1A,
di
F/dt = -100A/µs,
V
R = 30V, TJ = 25°C
-
160
-
ns
t
rr
Reverse Recovery Time
I
F
= 60A, di
F
/dt = -200A/µs
V
R
= 400V, T
C
= 25°C
-
70
-
Q
rr
Reverse Recovery Charge
-
100
-
nC
I
RRM
Maximum Reverse Recovery Current
-
4
-
Amps
t
rr
Reverse Recovery Time
I
F
= 60A, di
F
/dt = -200A/µs
V
R
= 400V, T
C
= 125°C
-
140
-ns
Q
rr
Reverse Recovery Charge
-
690
-
nC
I
RRM
Maximum Reverse Recovery Current
-
9
-
Amps
t
rr
Reverse Recovery Time
I
F
= 60A, di
F
/dt = -1000A/µs
V
R
= 400V, T
C
= 125°C
-
80
-
ns
Q
rr
Reverse Recovery Charge
-
1540
-nC
I
RRM
Maximum Reverse Recovery Current
-
31
-
Amps



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com