Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT5240SIT Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # SPT5240SIT
Description  10-bit, 400 MWPS Current Output Digital-to-Analog Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5240SIT Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  SPT5240SIT Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
REV. 1 June 2003
3
SPT5240
DATA SHEET
TEST LEVEL CODES
All electrical characteristics are subject to the following conditions:
All parameters having min/max specifications are guaranteed. The Test Level column indicates the specific device testing
actually performed during production and Quality Assurance inspection.
LEVEL
TEST PROCEDURE
I
100% production tested at the specified temperature.
IV
Parameter is guaranteed by design or characterization data.
V
Parameter is a typical value for information purposes only.
Power Supply Requirements
Supply Voltage
AVDD = DVDD
IV
3.0
+3.3
3.6
V
Supply Current Sleep Mode
AVDD
25MHz Clock
V
9.5
mA
DVDD
25MHz Clock
V
200
µA
Power Dissipation
20mA IOUT
IV
170
195
215
mW
12mA IOUT
V
149
mW
Parameter
Conditions
Test Level
Min
Typ
Max
Units
Electrical Specifications (Continued)
(TA = 25°C, AVDD = 3.3V, DVDD = 3.3V, ƒOUT = 1.27MHz, ƒCLK = 400MHz, Clock Duty Cycle = 50%,
IOUT = 20mA, RL = 50Ω; unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com