Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7720 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # SPT7720
Description  8-BIT, 200 MSPS A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7720 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  SPT7720 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
5/9/01
SPT7720
TEST LEVEL CODES
All electrical characteristics are subject to the
following conditions:
All parameters having min/max specifications
are guaranteed. The Test Level column indicates
the specific device testing actually performed
during production and Quality Assurance
inspection. Any blank section in the data column
indicates that the specification is not tested at
the specified condition.
TEST PROCEDURE
100% production tested at the specified temperature.
100% production tested at TA = +25 °C, and sample tested at
the specified temperatures.
QA sample tested only at the specified temperatures.
Parameter is guaranteed (but not tested) by design and
characterization data.
Parameter is a typical value for information purposes only.
100% production tested at TA = +25 °C. Parameter is
guaranteed over specified temperature range.
TEST LEVEL
I
II
III
IV
V
VI
ELECTRICAL SPECIFICATIONS
TA=TMIN to TMAX, VDD=+5.0 V, external reference, ƒS=200 MSPS, input amplitude = –1 dBFS, unless otherwise noted
TEST
TEST
SPT7720
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Analog Input
Input Voltage Range (differential)
V
±0.5
V
Compliance Range
V
1.8
3.2
V
Input Offset Voltage
+25 °C
I
±4
±16
mV
Input Offset Voltage
–40 °C to +85 °C
V
±8
±19
mV
Input Resistance
+25 °C
V
36
62
k
Ω
Input Capacitance
V
4
pF
Input Bias Current
+25 °C
I
11
50
µA
Input Bias Current
–40 °C to +85 °CV
75
µA
Full Power Bandwidth
V
500
MHz
Reference Output Voltage
VI
2.4
2.5
2.6
V
Temperature Coefficient
V
110
ppm/°C
Differential Digital Inputs
High Level Current
–40 to +85 °C
V
500
625
µA
>1.5 V differential
Low Level Current
–40 to +85 °C
V
500
625
µA
>1.5 V differential
Input Capacitance
V
3
pF
Differential Inputs
Differential Signal Amplitude
IV
400
mV
High Input Voltage
IV
1.5
VDD
V
Low Input Voltage
IV
0
VDD–0.4
V
Common-Mode Input Voltage
IV
1.5
V
Demux Input
High Input Voltage
VI
2.0
VDD
V
Low Input Voltage
VI
0
0.8
V
Digital Outputs
High Output Voltage
Source 800 µA
VI
2.4
3.9
V
Low Output Voltage
Sink 1.6 mA
VI
0.8
0.4
V
Output Coding
Binary
Power Supply
VDD Supply Current
–40 to +85 °C
VI
86
111
mA
Power Dissipation
VI
430
555
mW
Power Supply Sensitivity
+25 °C
IV
0.005
0.015
V/V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com