Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7725AIJ Datasheet(PDF) 11 Page - Cadeka Microcircuits LLC.

Part # SPT7725AIJ
Description  8-BIT, 300 MSPS, FLASH A/D CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7725AIJ Datasheet(HTML) 11 Page - Cadeka Microcircuits LLC.

Back Button SPT7725AIJ Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7725AIJ Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7725AIJ Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7725AIJ Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7725AIJ Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7725AIJ Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7725AIJ Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT7725AIJ Datasheet HTML 11Page - Cadeka Microcircuits LLC. SPT7725AIJ Datasheet HTML 12Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
8/17/01
SPT7725
44-Lead Cerquad
C
D
A
B
A
B
0–5°
E
F
G
H
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.550 typ
13.97 typ
B
0.685
0.709
17.40
18.00
C
0.037
0.041
0.94
1.04
D
0.016 typ
0.41 typ
E
0.008 typ
0.20 typ
F
0.027
0.051
0.69
1.30
G
0.006 typ
0.15 typ
H
0.080
0.089
2.03
2.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com