Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7750 Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # SPT7750
Description  8-BIT, 500 MSPS, FLASH A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7750 Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

  SPT7750 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7750 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7750 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7750 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7750 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7750 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7750 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7750 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
October 2002
SPT7750
OPERATION
The SPT7750 has 256 preamp/comparator pairs which
are each supplied with the voltage from VRT to VRB divided
equally by the resistive ladder as shown in the block dia-
gram. This voltage is applied to the positive input of each
preamplifier/comparator pair. An analog input voltage ap-
plied at VIN is connected to the negative inputs of each
preamplifier/comparator pair. The comparators are then
clocked through each one’s individual clock buffer. When
the CLK pin is in the low state, the master or input stage of
the comparators compare the analog input voltage to the
respective reference voltage. When the CLK pin changes
from low to high the comparators are latched to the state
prior to the clock transition and output logic codes in se-
quence from the top comparators, closest to VRT (0 V),
down to the point where the magnitude of the input signal
changes sign (thermometer code). The output of each
comparator is then registered into four 64-to-6 bit decod-
ers when the CLK is changed from high to low. At the out-
put of the decoders is a set of four 7-bit latches which are
enabled (“track”) when the clock changes from high to low.
From here, the output of the latches are coded into 6 LSBs
from 4 columns and 4 columns are coded into 2 MSBs.
Finally, 8 ECL output latches and buffers are used to drive
the external loads. The conversion takes one clock cycle
from the input to the data outputs.
Figure 2 – Timing Diagram
VIN
CLK
CLK
DRA
DRA
DRB
DRB
Data Bank B
N-1
N+1
N+3
N
N+1
N+2
N+3
N+4
N+5
N+6
N-2
N
N+2
N+4
1.75 ns
typ
1.4 ns
typ
Data Bank A
2.0 ns
1.75 ns
typ
1.4 ns
typ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com