Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7820 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # SPT7820
Description  10-BIT, 20 MSPS, TTL OUTPUT, A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7820 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  SPT7820 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7820 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
3/11/97
SPT7820
ELECTRICAL SPECIFICATIONS
TA=Tmin - Tmax, VCC=+5.0 V, VEE=-5.2 V, DVCC=+5.0 V, VIN=±2.0 V, VSB=-2.0 V, VST=+2.0 V, fCLK=20 MHz, 50% clock duty cycle, unless otherwise
specified.
TEST
TEST
SPT7820A
SPT7820B
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Dynamic Performance
Signal-To-Noise Ratio
(Without Harmonics)
fIN=1 MHz
TA=+25 °C
I
57
60
54
57
dB
TA=0-70, -25 to +85 °CIV
55
58
52
55
dB
TA=-55 to +125 °C*
IV
52
55
49
52
dB
fIN=3.58 MHz
TA=+25 °C
I
56
58
53
55
dB
TA=0-70, -25 to +85 °CIV
54
56
51
53
dB
TA=-55 to +125 °C*
IV
52
54
49
51
dB
fIN=10.0 MHz
TA=+25 °C
I
50
53
47
49
dB
TA=0-70, -25 to +85 °CIV
47
50
44
46
dB
TA=-55 to +125 °C*
IV
43
46
40
42
dB
Harmonic Distortion
fIN=1 MHz
TA=+25 °C
I
57
60
54
57
dB
TA=0-70, -25 to +85 °CIV
54
57
51
54
dB
TA=-55 to +125 °C*
IV
50
53
47
50
dB
fIN=3.58 MHz
TA=+25 °C
I
56
58
53
55
dB
TA=0-70, -25 to +85 °CIV
53
55
50
52
dB
TA=-55 to +125 °C*
IV
50
52
47
49
dB
fIN=10.0 MHz
TA=+25 °C
I
46
48
43
45
dB
TA=0-70, -25 to +85 °)IV
45
47
42
44
dB
TA=-55 to +125 °C*
IV
45
47
42
44
dB
Signal-to-Noise and Distortion
fIN=1 MHz
TA=+25 °C
I
55
57
52
54
dB
TA=0-70, -25 to +85 °CIV
52
49
dB
TA=-55 to +125 °C*
IV
48
45
dB
fIN=3.58 MHz
TA=+25 °C
I
54
55
51
52
dB
TA=0-70, -25 to +85 °CIV
51
48
dB
TA=-55 to +125 °C*
IV
48
45
dB
fIN=10.0 MHz
TA=+25 °C
I
44
47
41
44
dB
TA=0-70, -25 to +85 °CIV
43
40
dB
TA=-55 to +125 °C*
IV
41
38
dB
Spurious Free Dynamic Range TA=+25 °C, fIN=1 MHz
V
67
67
dB
Differential Phase
TA=+25 °C, fIN=3.58 & 4.35 MHz
V
0.2
0.2
Degree
Differential Gain
TA=+25 °C, fIN=3.58 & 4.35 MHz
V
0.5
0.7
%
Digital Inputs
fCLK=1 MHz
Logic 1 Voltage
VI
2.4
4.5
2.4
4.5 V
Logic 0 Voltage
VI
0.8
0.8 V
Maximum Input Current Low
TA=+25 °C
I
0
+5
+20
0
+5
+20
µA
Maximum Input Current High
TA=+25 °C
I
0
+5
+20
0
+5
+20
µA
Pulse Width Low (CLK)
IV
20
20
ns
Pulse Width High (CLK)
IV
20
300
20
300 ns
Digital Outputs
fCLK=1 MHz
Logic 1 Voltage
VI
2.4
2.4
V
Logic 0 Voltage
VI
0.6
0.6 V
Power Supply Requirements
Voltages VCC
IV
4.75
5.25
4.75
5.25 V
DVCC
IV
4.75
5.0
5.25
4.75
5.0
5.25 V
-VEE
IV
-4.95
-5.2
-5.45
-4.95
-5.2
-5.45 V
Currents ICC
TA=+25 °C
I
118
145
118
145 mA
DICC
TA=+25 °C
I
40
55
40
55 mA
-IEE
TA=+25 °C
I
40
57
40
57 mA
Power Dissipation
TA=+25 °C
I
1.0
1.3
1.0
1.3 W
Power Supply Rejection
(5 V
±0.25 V, -5.2 ±0.25 V)
V
1.0
1.0
LSB
*Temperature tested /883 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com