Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7852SCU Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # SPT7852SCU
Description  DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7852SCU Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button SPT7852SCU Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7852SCU Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7852SCU Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7852SCU Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7852SCU Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7852SCU Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7852SCU Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7852SCU Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT7852SCU Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
1/12/00
SPT7852
PACKAGE OUTLINE
44-LEAD TQFP
Index
A
B
C
D
Pin 1
E
F
G
H
I
J
K
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.472 Typ
12.00 Typ
B
0.394 Typ
10.00 Typ
C
0.394 Typ
10.00 Typ
D
0.472 Typ
12.00 Typ
E
0.031 Typ
0.80 Typ
F
0.012
0.017
0.300
0.45
G
0.035
0.040
0.85
1.05
H
0.002
0.006
0.05
0.15
I
0.018
0.030
0.450
0.750
J
0.039 Typ
1.00 Typ
K
0-7
°
0-7
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com