Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7860SCS Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # SPT7860SCS
Description  10-BIT, 40 MSPS, 175 mW A/D CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7860SCS Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button SPT7860SCS Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7860SCS Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7860SCS Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7860SCS Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7860SCS Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7860SCS Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7860SCS Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7860SCS Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7860SCS Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
5/25/01
SPT7860
TYPICAL PERFORMANCE CHARACTERISTICS
55
56
57
58
59
60
61
62
63
54
Performance vs Sample Rate
Sample Rate (MSPS)
THD
SNR
SINAD
0
5
10
15
20
25
30
35
40
IN = 1 MHz
SNR, THD and SINAD vs Input Frequency
Input Frequency (MHz)
1
10
100
1000
10
20
30
40
50
60
70
80
THD
SNR
SINAD
SNR and THD vs Input Range
Input Range (V)
ƒIN = 1 MHz
ƒS = 40 MSPS
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
30
40
50
60
70
SNR
THD
Power Dissipation vs Sample Rate
Sample Rate (MSPS)
10
15
20
25
30
35
40
45
60
80
100
120
140
160
180
200
220
VIN = 4 V Sinewave
VIN = 0 V
Performance vs Temperature
Temperature (°C)
–40
–20
0
20
40
60
80
100
50
52
54
56
58
60
62
SNR
SINAD
ƒIN = 1 MHz
ƒS = 40 MSPS
THD
Spectral Response
Input Frequency (MHz)
–120
–90
–60
–30
0
ƒS = 40 MSPS
ƒIN = 1.035 MHz
0
123
45
678
910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com