Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7922 Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # SPT7922
Description  12-BIT, 30 MSPS, TTL, A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7922 Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

Back Button SPT7922 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7922 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7922 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7922 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7922 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7922 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7922 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7922 Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT7922 Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
3/10/97
SPT7922
TYPICAL INTERFACE CIRCUIT
The SPT7922 requires few external components to achieve
the stated operation and performance. Figure 2 shows the
typical interface requirements when using the SPT7922 in
normal circuit operation. The following section provides a
description of the pin functions and outlines critical perfor-
mance criteria to consider for achieving the optimal device
performance.
POWER SUPPLIES AND GROUNDING
The SPT7922 requires -5.2 V and +5 V analog supply
voltages. The +5 V supply is common to analog VCC and
digital DVCC. A ferrite bead in series with each supply line is
intended to reduce the transient noise injected into the analog
VCC. These beads should be connected as closely as pos-
sible to the device. The connection between the beads and
the SPT7922 should not be shared with any other device.
Each power supply pin should be bypassed as closely as
possible to the device. Use 0.1
µF for VEE and VCC, and
0.01
µF for DVCC (chip caps are preferred).
AGND and DGND are the two grounds available on the
SPT7922. These two internal grounds are isolated on the
device. The use of ground planes is recommended to achieve
optimum device performance. DGND is needed for the DVCC
return path (40 mA typical) and for the return path for all digital
output logic interfaces. AGND and DGND should be sepa-
rated from each other and connected together only at the
device through a ferrite bead.
A Schottky or hot carrier diode connected between AGND
and VEE is required. The use of separate power supplies
between VCC and DVCC is not recommended due to poten-
tial power supply sequencing latch-up conditions. Using the
recommended interface circuit shown in figure 2 will provide
optimum device performance for the SPT7922.
VOLTAGE REFERENCE
The SPT7922 requires the use of two voltage references:
VFT and VFB. VFT is the force for the top of the voltage
reference ladder (+2.5 V typ), VFB (-2.5 V typ) is the force for
the bottom of the voltage reference ladder. Both voltages
are applied across an internal reference ladder resistance of
800 ohms. The +2.5 V voltage source for reference VFT
must be current limited to 20 mA maximum if a different
driving circuit is used in place of the recommended reference
circuit shown in figures 2 and 3. In addition, there are five
reference ladder taps (VST, VRT1, VRT2, VRT3, and VSB).
VST is the sense for the top of the reference ladder (+2.0 V),
VRT2 is the midpoint of the ladder (0.0 V typ) and VSB is the
sense for the bottom of the reference ladder (-2.0 V). VRT1
and VRT3 are quarter point ladder taps (+1.0 and -1.0 V
typical, respectively). The voltages seen at VST and VSB are
the true full scale input voltages of the device when VFT and
VFB are driven to the recommended voltages (+2.5 V and
-2.5 V typical respectively). VST and VSB should be used to
monitor the actual full scale input voltage of the device.
VRT1, VRT2 and VRT3 should not be driven to the expected
ideal values as is commonly done with standard flash
converters. When not being used, a decoupling capacitor of
.01
µF connected to AGND from each tap is recommended
to minimize high frequency noise injection.
Figure 2 - Typical Interface Circuit
- 5.2 V
COARSE
A/D
ANALOG
PRESCALER
SUCCESSIVE
INTERPOLATION
STAGE # 1
SUCCESSIVE
INTERPOLATION
STAGE # N
4
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
D12
IC1
(REF-03)
6
5
2
4
+ 5 V
+
VOUT
Trim
GND
VIN
1 µF
C1
.01 µF
+
-
10 k
Ω
1
32
4
8
7
6
10 k
Ω
30 k
Ω
30 k
Ω
C19
1 µF
+
+5 V
C18
.01 µF
C17
.01 µF
CLK
VIN
VFT
VST
VRT3
VRT2
VRT1
VSB
VFB
R
2R
2R
2R
2R
R
+
C16
1 µF
CLK
VIN
IC2
OP-07
C15
10 µF
C14
10 µF
+
D1
C12
.01 µF
+
(TTL)
(±2 V)
+2.5 V
-2.5 V
FB
+5 V
AGND
DGND
-5.2 V
(Analog)
(Analog)
17
24
21
22
23
25
26
27
28
18
31
19
30
20
29
16
32
1
15
(OVERRANGE)
(MSB)
(LSB)
14
13
12
11
10
9
8
7
6
5
4
3
2
C13
.01 µF
R1
100
Ω
± 2.5 V Max
C2
.01 µF
C3
.01 µF
C4
.01 µF
C5
.01 µF
C6
.01 µF
C7
.01 µF
C8
.1 µF
C9
.1 µF
C10
C11
Notes to prevent latch-up due to power sequencing:
1) D1 = Schottky or hot carrier diode, P/N IN5817.
2) FB = Ferrite bead, Fair Rite P/N 2743001111
to be mounted as close to the device as possible. The ferrite bead to the ADC
connection should not be shared with any other device.
3) C1-C13 = Chip cap (recommended) mounted as close to the device's pin as
possible.
4) Use of a separate supply for VCC and DVCC is not recommended.
5) R1 provides current limiting to 45 mA.
6) C8, C9, C10 and C11 should be ten times larger than C12 and C13.
7) C10 = C11 = 0.1 µF cap in parallel with a 4.7 µF cap.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com