Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9687 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # SPT9687
Description  DUAL ULTRAFAST VOLTAGE COMPARATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9687 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  SPT9687 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9687 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9687 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9687 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9687 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9687 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9687 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9687 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
3/21/97
SPT9687
ELECTRICAL SPECIFICATIONS
T A = +25 °C, VCC = +5.0 V, VEE = -5.20 V, RL = 50 Ohm, unless otherwise specified.
TEST
TEST
SPT9687
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
DC ELECTRICAL CHARACTERISTICS
Input Offset Voltage
RS = 0 Ohms1
III
-3
±.5
+3
mV
Input Offset Voltage
RS = 0 Ohms1
TMIN <TA<TMAX
IV
-3.5
+3.5
mV
Offset Voltage Tempco
V
4
µV/°C
Input Bias Current
I
6
±20
µA
Input Bias Current
TMIN <TA<TMAX
IV
7
±38
µA
Input Offset Current
I
-1.0
+1.0
µA
Input Offset Current
TMIN <TA<TMAX
IV
-1.5
+1.5
µA
Input Common Mode Range
I
-2.5
+2.5
V
Latch Enable
Common Mode Range
IV
-2.0
0
V
Open Loop Gain
V
4000
V/V
Input Resistance
V
60
k
Input Capacitance
V
3
pF
Input Capacitance
(LCC Package)
V
1
pF
Power Supply Sensitivity
VCC and VEE
IV
50
100
dB
Common Mode Rejection Ratio
IV
50
85
dB
Positive Supply Current
I
7
11
mA
Negative Supply Current
I
27
37
mA
Positive Supply Voltage
IV
4.75
5.0
5.25
V
Negative Supply Voltage
IV
-4.95
-5.2
-5.45
V
Power Dissipation
I OUTPUT = 0 mA
I
185
250
mW
OUTPUT LOGIC LEVELS (ECL 10 KH Compatible)
Output High
50 Ohms to -2 V
I
-.98
-.81
V
Output Low
50 Ohms to -2 V
I
-1.95
-1.63
V
AC ELECTRICAL CHARACTERISTICS2
Propagation Delay
10 mV OD
III
2.0
2.3
ns
Latch Set-up Time
IV
0.6
1
ns
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 25
°C
Supply Voltages
Positive Supply (VCC to GND) .................. -0.5 to +6.0 V
Negative Supply (VEE to GND) ................ -6.0 to +0.5 V
Ground Voltage Differential ...................... -0.5 to +0.5 V
Input Voltages
Input Voltage ............................................ -4.0 to +4.0 V
Differential Input Voltage .......................... -5.0 to +5.0 V
Input Voltage, Latch Controls ..................... VEE to 0.5 V
Output
Output Current ...................................................... 30 mA
Temperature
Operating Temperature, ambient .............. -25 to +85
°C
junction ....................... +150
°C
Lead Temperature, (soldering 60 seconds) ...... +300
°C
Storage Temperature .............................. -65 to +150
°C
Note:
1.
Operation at any Absolute Maximum Rating is not implied. See Electrical Specifications for proper nominal
applied conditions in typical applications.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com