Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9101SCU Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # SPT9101SCU
Description  125 MSPS SAMPLE-AND-HOLD AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9101SCU Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

  SPT9101SCU Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9101SCU Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9101SCU Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9101SCU Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9101SCU Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9101SCU Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9101SCU Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9101SCU Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
12/30/99
SPT9101
N/C
GND
GND
+VS
+VS
+VS
-VS
VIN
GND
-VS
16
15
14
17
18
6
7
8
5
4
PIN ASSIGNMENTS
SOIC
PIN FUNCTIONS
Name
I/O
Function
RTN
I
Gain Set Resistor Return
+VS
I
+5 V Power Supply
GND
I
Ground
CLK
I
True ECL T/H Clock
NCLK
I
Complement ECL T/H Clock
-VS
I
-5.2 V Power Supply
N/C
-
No Connection
VIN
I
Analog Signal Input
VOUT
O
Analog Signal Output
ORDERING INFORMATION
PART NUMBER
PACKAGE TYPE
TEMPERATURE RANGE
SPT9101SIS
20L SOIC
-40 to +85
°C
SPT9101SIC
20L LCC
-40 to +85
°C
SPT9101SCU
Die*
+25
°C
*Please see die specification for guranteed electrical performance.
1
2
3
4
5
6
7
8
9
10
N/C
GND
GND
CLK
RTN
RTN
+VS
+VS
+VS
+VS
16
15
14
11
12
13
17
18
19
20
-VS
-VS
VIn
N/C
GND
NCLK
-VS
VOut
N/C
-VS
LCC
(Bottom View)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com