Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9689 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # SPT9689
Description  DUAL ULTRAFAST VOLTAGE COMPARATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9689 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  SPT9689 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9689 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9689 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9689 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9689 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9689 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9689 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9689 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
2/20/01
SPT9689
VIN+=100 mV (p-p), VOD=20 mV
VREF ± VOS
50%
50%
50%
t
t
tpL
t
t
Differential
Input Voltage
Output Q
Output Q
tS
t H
pdL
pdH
pLOL
pLOH
Latch Enable
Latch Enable
VOD
TEST LEVEL CODES
All electrical characteristics are subject to the
following conditions:
All parameters having min/max specifications
are guaranteed. The Test Level column indi-
cates the specific device testing actually per-
formed during production and Quality Assur-
ance inspection. Any blank section in the data
column indicates that the specification is not
tested at the specified condition.
LEVEL
TEST PROCEDURE
I
100% production tested at the specified temperature.
II
100% production tested at TA = +25 °C, and sample tested at the
specified temperatures.
III
QA sample tested only at the specified temperatures.
IV
Parameter is guaranteed (but not tested) by design and characteri-
zation data.
V
Parameter is a typical value for information purposes only.
VI
100% production tested at TA = +25 °C. Parameter is guaranteed
over specified temperature range.
TIMING INFORMATION
The timing diagram for the comparator is shown in figure
1. If LE is high and LE low in the SPT9689, the comparator
tracks the input difference voltage. When LE is driven low
and LE high, the comparator outputs are latched into their
existing logic states.
The leading edge of the input signal (which consists of a
20 mV overdrive voltage) changes the comparator output
after a time of tpdL or tpdH (Q or Q). The input signal must
be maintained for a time tS (set-up time) before the LE fall-
ing edge and LE rising edge and held for time tH after the
falling edge for the comparator to accept data. After tH, the
output ignores the input status until the latch is strobed
again. A minimum latch pulse width of tpL is needed for
strobe operation, and the output transitions occur after a
time of tpLOH or tpLOL.
The set-up and hold times are a measure of the time
required for an input signal to propagate through the first
stage of the comparator to reach the latching circuitry.
Input signals occurring before tS will be detected and held;
those occurring after tH will not be detected. Changes
between tS and tH may not be detected.
Figure 1 – Timing Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com