Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9687SIP Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # SPT9687SIP
Description  DUAL ULTRAFAST VOLTAGE COMPARATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9687SIP Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

  SPT9687SIP Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9687SIP Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9687SIP Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9687SIP Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9687SIP Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9687SIP Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9687SIP Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9687SIP Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
3/21/97
SPT9687
PIN FUNCTIONS
NAME
FUNCTION
QA
Output A
Q A
Inverted Output A
GNDA
Ground A
LEA
Latch Enable A
LE A
Inverted Latch Enable A
VEE
Negative Supply Voltage
-INA
Inverting Input A
+INA
Non-Inverting Input A
+INB
Non-Inverting Input B
-INB
Inverting Input B
VCC
Positive Supply Voltage
LEB
Latch Enabled B
LE B
Inverted Latch Enable B
GNDB
Ground B
QB
Output B
Q B
Inverted Output B
PIN ASSIGNMENTS
1
2
3
16
15
14
4
5
6
7
89
10
11
12
13
QA
GNDA
LE A
VEE
-IN A
+INA
QB
GNDB
LE B
VCC
-INB
+INB
QA
B
Q
LE A
LEB
PDIP/SOIC
QA
GNDA
LEA
V
EE
-IN A +INA
QB
GNDB
N/C
VCC
-IN B
+IN B
4
5
6
7
8
18
17
16
15
14
9
10111213
3
2
1
20
19
N/C
N/C
N/C
QA
Q B
B
LE
LEA
TOP VIEW
LCC/PLCC
LEB
ORDERING INFORMATION
PART NUMBER
Temperature Range
PACKAGE TYPE
SPT9687SIN
-25 to +85
°C
16L PDIP
SPT9687SIP
-25 to +85
°C
20L PLCC
SPT9687SIC
-25 to +85
°C
20C LCC
SPT9687SIS
-25 to +85
°C
16L SOIC
SPT9687SCU
+25
°C
Die*
*Please see the die specification for guaranteed electrical performance.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com