Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9689AIP Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # SPT9689AIP
Description  DUAL ULTRAFAST VOLTAGE COMPARATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9689AIP Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

  SPT9689AIP Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9689AIP Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9689AIP Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9689AIP Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9689AIP Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9689AIP Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9689AIP Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9689AIP Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
2/20/01
SPT9689
TYPICAL INTERFACE CIRCUIT
The typical interface circuit using the comparator is shown
in figure 3. Although it needs few external components
and is easy to apply, there are several conditions that
should be noted to achieve optimal performance. The very
high operating speeds of the comparator require careful
layout, decoupling of supplies, and proper design of trans-
mission lines.
Since the SPT9689 comparator is a very high-frequency
and high-gain device, certain layout rules must be fol-
lowed to avoid oscillations. The comparator should be
soldered to the board with component lead lengths kept
as short as possible. A ground plane should be used while
the input impedance to the part is kept as low as possible
to decrease parasitic feedback. If the output board traces
are longer than approximately half an inch, microstripline
techniques must be employed to prevent ringing on the
output waveform. Also, the microstriplines must be termi-
nated at the far end with the characteristic impedance of
the line to prevent reflections. Both supply voltage pins
should be decoupled with high-frequency capacitors as
close to the device as possible. All ground pins and no
connects should be soldered to a common ground plane
to further improve noise immunity. If using the SPT9689
as a single comparator, the outputs of the inactive com-
parator can be grounded, left open, or terminated with
50 ohms to –2 V. All outputs on the active comparator,
whether used or unused, should have identical termina-
tions to minimize ground current switching transients.
Figure 3 – SPT9689 Typical Interface Circuit
Figure 4 – SPT9689 Typical Interface Circuit
with Hysteresis
VIN
+5.0 V
10 µF
0.1 µF
100 pF
10 µF
0.1 µF
100 pF
–5.2 V
–2 V
RL
RL
10 F
+VCC
LE
LE
VEE
GND
+
Q Output
Q Output
VREF
100 pF
10 µF
0.1 µF
50
W
50
W
ECL
NOTES:
Denotes ground plane.
Ferrite bead. Fair Rite Part # 2643001501.
All resistors are chip type 1%.
0.1 µF and 100 pF capacitors are chip type mounted as close
to the pins as possible.
10 µF tant capacitors have lead lengths <0.25" long.
Represents line termination.
100 pF
VIN
+5.0 V
10 µF
0.1 µF
100 pF
10 µF
0.1 µF
10 µF
0.1 µF
100 pF
–5.2 V
–2 V
10 µF
–2 V
–1.3 V
+VCC
LE
LE
VEE
GND
+
100 W
0 to 200 W
VREF
50 W
NOTES:
Denotes ground plane.
Ferrite bead. Fair Rite Part # 2643001501.
All resistors are chip type 1%.
0.1 µF and 100 pF capacitors are chip type mounted
as close to the pins as possible.
10 µF tant capacitors have lead lengths <0.25" long.
Represents line termination.
Q Output
Q Output
RL
50 W
RL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com