Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9691SCN Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # SPT9691SCN
Description  WIDE INPUT VOLTAGE, JFET COMPARATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9691SCN Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button SPT9691SCN Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9691SCN Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9691SCN Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9691SCN Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9691SCN Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9691SCN Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9691SCN Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT9691SCN Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT9691SCN Datasheet HTML 10Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
SPT9691
PIN FUNCTIONS
NAME
FUNCTION
QA
Output A
Q A
Inverted Output A
GNDA
Ground A
LE A
Inverted Latch Enable A
LEA
Latch Enable A
AVCC(A)
Positive Supply Voltage (+10 V)
AVEE(A)
Negative Supply Voltage (-10 V)
DVEE(A)
Negative Supply Voltage (-5.2 V)
AVCC(B)
Positive Supply Voltage (+10 V)
AVEE(B)
Negative Supply Voltage (-10 V)
DVEE(B)
Negative Supply Voltage (-5.2 V)
-INA
Inverting Input A
+INA
Noninverting Input A
+INB
Noninverting Input B
-INB
Inverting Input B
LE B
Inverted Latch Enabled B
LEB
Latch Enable B
GNDB
Ground B
Q B
Inverted Output B
QB
Output B
1
2
3
16
15
14
4
5
6
7
8
9
10
11
12
13
17
18
19
20
GND
LE
DV
(B)
AV
(B)
AVCC (B)
LE
+IN
B
-IN
B
Q
B
Q
B
B
GNDA
LEA
DVEE(A)
AVEE(A)
AVCC(A)
LEA
+INA
-INA
Q
A
Q
A
B
B
EE
EE
DIP/PDIP
6
7
8
18
17
16
15
14
10
11
1
TOP VIEW
LCC/PLCC
QB
2
QA
19
GNDB
3
QA
20
QB
LEB
LEB
DVEE(B)
AVEE(B)
AVCC(B)
13
-INB
12
+INB
+INA
-INA
9
AVCC(A)
5
LEA
LEA
DVEE(A)
AVEE(A)
4
GNDA
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE TYPE
SPT9691SCC
0 to +70
°C
20C LCC
SPT9691SCN
0 to +70
°C
20L Plastic DIP
SPT9691SCP
0 to +70
°C
20L Plastic Leaded Chip Carrier (PLCC)
SPT9691SCU
+25
°C
Die*
*Please see the die specification for guaranteed electrical performance.
PIN ASSIGNMENTS
10
10/6/97



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com