Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9689ACU Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # SPT9689ACU
Description  DUAL ULTRAFAST VOLTAGE COMPARATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9689ACU Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

  SPT9689ACU Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9689ACU Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9689ACU Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9689ACU Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9689ACU Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9689ACU Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9689ACU Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9689ACU Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
2/20/01
SPT9689
ORDERING INFORMATION
PART
INPUT
TEMPERATURE
PACKAGE
NUMBER
OFFSET
RANGE
TYPE
SPT9689AIC
10 mV
–40 to +85 °C
20C LCC
SPT9689BIC
25 mV
–40 to +85 °C
20C LCC
SPT9689AIP
10 mV
–40 to +85 °C
20L PLCC
SPT9689BIP
25 mV
–40 to +85 °C
20L PLCC
SPT9689ACU
+25 °CDie*
SPT9689BCU
+25 °CDie*
*Please see the die specification for guaranteed electrical performance.
PIN ASSIGNMENTS
PIN FUNCTIONS
NAME
FUNCTION
QA
Output A
QA
Inverted Output A
GNDA
Ground A
LEA
Latch Enable A
LEA
Inverted Latch Enable A
VEE
Negative Supply Voltage
–INA
Inverting Input A
+INA
Noninverting Input A
+INB
Noninverting Input B
–INB
Inverting Input B
VCC
Positive Supply Voltage
LEB
Latch Enabled B
LEB
Inverted Latch Enable B
GNDB
Ground B
QB
Output B
QB
Inverted Output B
QA
–INA +INA
QB
GNDB
LEB
VCC
–INB
+INB
4
5
6
7
8
18
17
16
15
14
9
101112 13
3
2
1
20 19
N/C
GNDA
LEA
LEA
VEE
N/C
N/C
N/C
QA
QB
LEB
TOP VIEW
LCC/PLCC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com