Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9713 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # SPT9713
Description  12-BIT, 100 MWPS TTL D/A CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9713 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  SPT9713 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9713 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9713 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9713 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9713 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9713 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9713 Datasheet HTML 7Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
2/15/01
SPT9713
Figure 1 – Timing Diagram
Latch
Enable
tPWL
tH
tS
tPWH
OUT+
OUT–
1/2 LSB
tST
1 LSB
tD
Data Inputs
15,25
12,21
0.1 µF
0.1 µF
0.001 µF
0.001 µF
+5 V
23
AVEE
RL
RL
14
16
IOut
IOut
RSet
24
RSet
19
20
Control
Amp In
Ref Out
Control
Amp Out
18
17
20 W
Ref In
D1 (MSB)
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12 (LSB)
LE
28
1
2
3
4
5
6
7
8
9
10
11
26
DGND AGND Ref GND
System
GND
0.1 µF
–5.2 V
VOut
Clock
Input
SPT9713
27
13
22
DVEE
DVCC
0.1 µF
Figure 2 – Typical Interface Circuit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com