Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9712BIP Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # SPT9712BIP
Description  12-BIT, 100 MWPS ECL D/A CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9712BIP Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

  SPT9712BIP Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9712BIP Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9712BIP Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9712BIP Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9712BIP Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9712BIP Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9712BIP Datasheet HTML 7Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
2/15/01
SPT9712
PACKAGE OUTLINE
28-Lead PLCC
A
B
Pin 1
C
D
E
F
G
H
TOP
VIEW
Pin 1
BOTTOM
VIEW
I
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.452
0.456
11.48
11.58
B
0.485
0.495
12.32
12.57
C
30°
30°
D
0.170
0.179
4.32
4.55
E
0.020
0.025
0.51
0.64
F
0.031
0.035
0.79
0.89
G
0.013
0.021
0.33
0.53
H
0.048
0.052
1.22
1.32
I
0.410
0.430
10.41
10.92



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com