Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9713BIP Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # SPT9713BIP
Description  12-BIT, 100 MWPS TTL D/A CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9713BIP Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

  SPT9713BIP Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9713BIP Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9713BIP Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9713BIP Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9713BIP Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9713BIP Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9713BIP Datasheet HTML 7Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
2/15/01
SPT9713
ORDERING INFORMATION
PART NUMBER
DNL/INL
TEMPERATURE RANGE
PACKAGE
SPT9713AIP
±0.75/±1.0
–40 to +85 °C
28L PLCC
SPT9713BIP
±1.25/±1.5
–40 to +85 °C
28L PLCC
PIN ASSIGNMENTS
PIN FUNCTIONS
Name
Function
Out+
Analog Current Output
Out–
Complementary Analog Current Output
D1–D12
Digital Input Bits (D12 is the LSB)
Latch Enable
Latch Control Line
Ref In
Voltage Reference Input
Ref Out
Internal Voltage Reference Output
Normally Connected to Control Amp In
Ref GND
Ground Return For Internal Voltage
Reference and Amplifier
Control Amp In
Normally Connected to Ref Out If Not
Connected to External Reference
Control Amp Out Output of Internal Control Amplifier
Normally Connected to Ref In
RSet1
Connection for External Resistance
Reference When Using Internal Amplifier
Nominally 7.5 k
Ω
Analog Return
Analog Return Ground
Analog VEE
Analog Negative Supply (–5.2 V)
Digital VEE
Digital Negative Supply (–5.2 V)
Digital VCC
Digital Positive Supply (+5.2 V)
DGND
Digital Ground Return
1Full-Scale Current Out = 128 (Control Amp In / RSet)
25
24
23
22
21
20
19
5
6
7
8
9
10
11
Analog VEE
RSet
Digital VCC
Ref GND
Digital VEE
Ref Out
Control Amp In
D6
D7
D8
D9
D10
D11
(LSB) D12
PLCC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com