Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPX40 Datasheet(PDF) 1 Page - Emerson Network Power

Part # LPX40
Description  Embedded Power
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPX40 Datasheet(HTML) 1 Page - Emerson Network Power

  LPX40 Datasheet HTML 1Page - Emerson Network Power LPX40 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev. 7.01.09_39
LPX40/60 Enclosure
1 of 2
Embedded Power for
Business-Critical Continuity
LPX40/60
Enclosure
Materials
1 Base
1 Cover (top and sides perforated)
6 M3 x 6mm screws with captive
washer
1 M4 nut
1 M4 star washer
1 M4 spring washer
1 Plastic insulator sheet
Installation Notes
LPX40 and LPX60 •
Cover Enclosure Kit
LPX40 will fit the LPX2X and LPX4X
power supplies.
LPX60 will fit LPX6X power supplies.
Installation Instructions and Notes
1. Place the insulator over the chassis as shown
2. Place the power supply over the insulator as shown
3. Align the power supply to the chassis standoff
4. Secure 4 pan head screws with washer provided with in kit as shown
5. Place the cover over the chassis
6. Align the cover to the U-bracket countersink holes
7. Secure 2 countersink screws provided with in kit as shown
8. Overall dimensions:
LPX 25/40:
5.9 (150) x 3.86 (98) x 1.5 (38)
LPX 60:
5.9 (150) x 3.86 (98) x 1.97 (50)
9. Base plate has three sets of customer mountings:
a. Bottom mounting (4X) M3 inserts. Max. screw penetration 0.0787 (2mm)
b. Side mounting (2X) 4mm clear holes plus 2 keyways. (See keyway detail)
c. Side mounting (4X) M3 inserts. Max. screw penetration 0.236 (6mm)
10. Ensure insulator is correctly fitted in base under PCB to maintain safety creepage and
clearances.
11. Ensure base is firmly connected to supply earth via the earth stud marked
12. When using this enclosure, ensure that relevant safety standards (e.g. EN60950) are
complied with, in respect to creepage and clearance distances, and distances through
insulation.
13. All dimensions are in inches (mm)
For earth stud


Similar Part No. - LPX40

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPX40 ASTEC-LPX40 Datasheet
356Kb / 2P
Place the insulator over the chassis as shown
More results

Similar Description - LPX40

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AUD03M48 ASTEC-AUD03M48 Datasheet
87Kb / 2P
10 Watts Embedded Power
AUG05K48 ASTEC-AUG05K48 Datasheet
90Kb / 2P
15 Watts Embedded Power
AUG08M48 ASTEC-AUG08M48 Datasheet
91Kb / 2P
20 Watts Embedded Power
AUK11M48 ASTEC-AUK11M48 Datasheet
90Kb / 2P
30 Watts Embedded Power
AUM03M48 ASTEC-AUM03M48 Datasheet
77Kb / 2P
10 Watts Embedded Power
AVC06S04 ASTEC-AVC06S04 Datasheet
78Kb / 2P
20 Watts Embedded Power
logo
Applied Micro Circuits ...
405GP AMCC-405GP Datasheet
1Mb / 59P
Power PC 405GP Embedded Processor
405GPR AMCC-405GPR Datasheet
1Mb / 57P
Power PC 405GPr Embedded Processor
440EP AMCC-440EP Datasheet
1Mb / 84P
Power PC 440EP Embedded Processor
logo
Emerson Network Power
LGA03C-00SADJXJ EMERSON-NETWORKPOWER-LGA03C-00SADJXJ Datasheet
1Mb / 28P
Embedded Power Device
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com