Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2011AB2C Datasheet(PDF) 12 Page - Cadeka Microcircuits LLC.

Part # TMC2011AB2C
Description  Variable-Length Shift Register
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2011AB2C Datasheet(HTML) 12 Page - Cadeka Microcircuits LLC.

Back Button TMC2011AB2C Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC2011AB2C Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2011AB2C Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2011AB2C Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2011AB2C Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2011AB2C Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC2011AB2C Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC2011AB2C Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC2011AB2C Datasheet HTML 12Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
TMC2011A/2111A
PRODUCT SPECIFICATION
5/20/98 0.0m 001
Stock#DS30002011A
Ordering Information
Product
Number
Temperature
Range
Speed
Grade
Screening
Package
Package
Marking
TMC2011AB2C
0
°C to 70°C
30 MHz
Commercial
24 Pin 0.3" CerDIP
2011AB2C
TMC2011AB2C1
0
°C to 70°C
40 MHz
Commercial
24 Pin 0.3" CerDIP
2011AB2C1
TMC2011AN2C
0
°C to 70°C
30 MHz
Commercial
24 Pin 0.3" Plastic DIP
2011AN2C
TMC2011AN2C1
0
°C to 70°C
40 MHz
Commercial
24 Pin 0.3" Plastic DIP
2011AN2C1
TMC2011AR3C
0
°C to 70°C
30 MHz
Commercial
28 Lead PLCC
2011AR3C
TMC2011AR3C1
0
°C to 70°C
40 MHz
Commercial
28 Lead PLCC
2011AR3C1
TMC2111AB2C
0
°C to 70°C
30 MHz
Commercial
24 Pin 0.3" CerDIP
2111AB2C
TMC2111AB2C1
0
°C to 70°C
40 MHz
Commercial
24 Pin 0.3" CerDIP
2111AB2C1
TMC2111AN2C
0
°C to 70°C
30 MHz
Commercial
24 Pin 0.3" Plastic DIP
2111AN2C
TMC2111AN2C1
0
°C to 70°C
40 MHz
Commercial
24 Pin 0.3" Plastic DIP
2111AN2C1
TMC2111AR3C
0
°C to 70°C
30 MHz
Commercial
28 Lead PLCC
2111AR3C
TMC2111AR3C1
0
°C to 70°C
40 MHz
Commercial
28 Lead PLCC
2111AR3C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com