Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2011AR3C1 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # TMC2011AR3C1
Description  Variable-Length Shift Register
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2011AR3C1 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  TMC2011AR3C1 Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC2011AR3C1 Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC2011AR3C1 Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC2011AR3C1 Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC2011AR3C1 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2011AR3C1 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2011AR3C1 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2011AR3C1 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2011AR3C1 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TMC2011A/2111A
PRODUCT SPECIFICATION
4
Table 1. Programming Length Controls
Pin Descriptions – TMC2111A
Pin Name
Pin Number
Pin Function Description
DIP
PLCC
Power
VDD
78
Supply Voltage. The TMC2111A operates from a single +5V supply. All
power and ground lines must be connected.
GND
17,18
20,21,22
Ground. The TMC2111A operates from a single +5V supply. All power
and ground lines must be connected.
Data Inputs
DI7-0
12,11,10,
9,4,3,2,1
14,13,12,
10,5,4,3,2
Data Input. Eight inputs are provided for the data, which pass through the
shift register unchanged. The TMC2111A consists of a single group of
eight bits with all data bits having equal delays.
Data Outputs
DO7-0
13,14,15,
16,21,22,
23,24
15,16,17,
18,26,27,
28,1
Data Output. The outputs of the shift register are delayed relative to the
input signals. The amount of the delay is programmable (see Table 1).
The outputs remain valid for a minimum of tHO nanoseconds after the
leading edge of CLK. This allow the data to be latched into circuits with
non-zero hold time requirements.
Controls
CLK
8
9
Master Clock. All inputs and outputs are synchronous and operate from a
single master clock. All operations occur on the rising edge of the master
clock.
L3-0
19,20,6,5
23,24,7,6
Length Select. The length select input is used to determine the register
delay of the TMC2111A. This input is registered and affects the output tDO
after the clock edge after it is input to the device (see Timing Diagram).
Delay lengths are specified in Table 1.
TMC2011A
TMC2111A
Input Code
Mode (MC) =0
Mode (MC) =1
L3
L2
L1
L0
DO3-0 Length
DO7-4 Length
DO3-0 Length
DO7-4 Length
DO7-0 Length
0
0
0
0
333
18
1
0
0
0
1
444
18
2
0
0
1
0
555
18
3
0
0
1
1
666
18
4
0
1
0
0
777
18
5
0
1
0
1
888
18
6
0
1
1
0
999
18
7
0
1
1
1
10
10
10
18
8
1
0
0
0
11
11
11
18
9
1
0
0
1
12
12
12
18
10
1
0
1
0
13
13
13
18
11
1
0
1
1
14
14
14
18
12
1
1
0
0
15
15
15
18
13
1
1
0
1
16
16
16
18
14
1
1
1
0
17
17
17
18
15
1
1
1
1
18
18
18
18
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com