Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFS110-7604PJ Datasheet(PDF) 1 Page - Emerson Network Power

Part # NFS110-7604PJ
Description  Single & quad output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NFS110-7604PJ Datasheet(HTML) 1 Page - Emerson Network Power

  NFS110-7604PJ Datasheet HTML 1Page - Emerson Network Power NFS110-7604PJ Datasheet HTML 2Page - Emerson Network Power NFS110-7604PJ Datasheet HTML 3Page - Emerson Network Power NFS110-7604PJ Datasheet HTML 4Page - Emerson Network Power NFS110-7604PJ Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
NFS110 Series
Single & quad output
Special Features
•7.0x4.25x1.8inchpackage
•Overvoltageandshortcircuit
protection
•110Wwith20CFM
•Adjustableoutputs
•EN55022,EN55011conducted
emissionslevelB
•UL,VDEandCSAsafety
approvals
•CEmark
•AvailableRoHScompliant
•2yearwarranty
Total Power:
80-110W
Input Voltage: 85-264Vac
120-370Vdc
# of Outputs:
Single,quad
Safety
VDE0805/EN60950/
IEC950/IEC1010
FileNo.10401-3336-0213
LicenceNo.40014677
UL1950FileNo.E132002
CSAC22.2No.950
FileNo.LR41062C
•
•
•
•
•
Rev. 06.30.09_69
NFS110 Series
1 of 5
ElectricalSpecifications
Allspecificationsaretypicalatnominalinput,fullloadat25
°Cunlessotherwisestated
Output
Voltageadjustability:
+5.1Vo/ponmulti’s
5.1Vsingleoutput
12Vsingleoutput
15Vsingleoutput
24Vsingleoutput
3.0%
3.0%
12-14V
15-18V
24-30V
Lineregulation:
LLtoHL,FL
Alloutputsonallunits
±0.1%max.
Overshoot/undershoot:
Atturn-on
0%
Temperaturecoefficient:
Alloutputs
±0.02%/°C
Overvoltageprotection:
Multio/p5.1Vonly
5.1Vsingleoutput
12Vsingleoutput
15Vsingleoutput
24Vsingleoutput
6.25V±0.75V
6.25V±0.75V
15.75V±1.0V
22V±1.5V
33V±2.5V
Outputpowerlimit:
Primary power limited
Pinmax.160W
Poutmin.110W
Minimumoutputcurrent:
(SeeNote13)
0A
Shortcircuitprotection:
Burst mode operation
Input
Inputvoltagerange:
85-264Vac
120-370Vdc
Inputfrequencyrange:
47-440Hz
Inputsurgecurrent:
230Vac
35A
Safetygroundleakagecurrent:
110Vac,50Hz
230Vac,50Hz
0.2mA,max.
0.4mA,max.


Similar Part No. - NFS110-7604PJ

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NFS110-7604PJ EMERSON-NETWORKPOWER-NFS110-7604PJ Datasheet
242Kb / 4P
110 W universal input ac-dc power supply
NFS110-7604PJ EMERSON-NETWORKPOWER-NFS110-7604PJ Datasheet
513Kb / 5P
Single & Quad output
logo
Artesyn Technologies
NFS110-7604PJ ARTESYN-NFS110-7604PJ Datasheet
513Kb / 5P
Single & Quad output
More results

Similar Description - NFS110-7604PJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL30 VISHAY-IL30 Datasheet
180Kb / 9P
Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
26-Oct-04
logo
Emerson Network Power
NFS110 EMERSON-NETWORKPOWER-NFS110_09 Datasheet
513Kb / 5P
Single & Quad output
NFS110-7902P EMERSON-NETWORKPOWER-NFS110-7902P Datasheet
426Kb / 5P
Single and quad output
logo
Artesyn Technologies
NLP150H ARTESYN-NLP150H Datasheet
119Kb / 4P
Single, dual, triple and quad output
NFS110-7601PJ ARTESYN-NFS110-7601PJ Datasheet
513Kb / 5P
Single & Quad output
NFS110-7902PJ ARTESYN-NFS110-7902PJ Datasheet
992Kb / 5P
Single and quad output
NFS110-7924J ARTESYN-NFS110-7924J Datasheet
992Kb / 5P
Single and quad output
logo
Vishay Siliconix
IL30 VISHAY-IL30_14 Datasheet
232Kb / 10P
Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
28-Jul-14
ILQ55 VISHAY-ILQ55_V01 Datasheet
259Kb / 11P
Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
20-Sep-2021
IL30 VISHAY-IL30_V02 Datasheet
259Kb / 11P
Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
20-Sep-2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com