Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFS110-7612J Datasheet(PDF) 2 Page - Emerson Network Power

Part # NFS110-7612J
Description  Single & quad output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NFS110-7612J Datasheet(HTML) 2 Page - Emerson Network Power

  NFS110-7612J Datasheet HTML 1Page - Emerson Network Power NFS110-7612J Datasheet HTML 2Page - Emerson Network Power NFS110-7612J Datasheet HTML 3Page - Emerson Network Power NFS110-7612J Datasheet HTML 4Page - Emerson Network Power NFS110-7612J Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. 06.30.09_69
NFS110 Series
 of 5
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
EnvironmentalSpecifications
Thermalperformance:
Operatingambient
0°Cto+70°C
(Seenotes9,10)
Non-operating
-40°Cto+85°C
0°Cto50°Cconvectioncooled
80W
+50°Cto+70°C,convectioncooled
Derate2W/°C
0°Cto+50°C,20CFMforcedair
110W
+50°Cto+70°C,20CFMforcedair
Derate2.75W/°C
Peak,0°Cto+50°C,max.60seconds 110W
Relativehumidity:
Non-condensing
5to95%RH
Altitude:
Operating
10,000feetmax.
Non-operating
40,000feetmax.
Vibration:
(SeeNote11)
5-500Hz
2.4Grmspeak
EMCCharacteristics
Conductedemissions:
EN55022,FCCpart15
LevelB
Radiatedemissions:
EN55022,FCCpart15
LevelA
ESDair:
EN61000-4-2,level3
Perf.criteria1
ESDcontact:
EN61000-4-2,level4
Perf.criteria1
Surge:
EN61000-4-3,level3
Perf.criteria1
Fasttransients:
EN61000-4-4,level3
Perf.criteria1
Radiatedimmunity:
EN61000-4-5,level3
Perf.criteria2
Conductedimmunity:
EN61000-4-6,level3
Perf.criteria1
GeneralSpecifications
Hold-uptime:
110Vac@80W
110Vac@110W
230Vac@80W
230Vac@100W
35ms
17ms
140ms
100ms
Efficiency:
Multipleoutputs
+5.1Vsingle
12Vand15Vsingles
24Vsingle
70%typical
70%typical
72%typical
75%typical
Isolationvoltage:
Input/output
Input/chassis
3000Vac
1500Vac
Approvalsandstandards:
(seenote12)
VDE0805,EN60950,IEC950,IEC1010,UL1950,CSAC22.2No.950
Weight:
Singles
Multipleoutputs
550g(19.4oz)
600g(21.2oz)
MTBF(@25ºC):
MIL-HDBK-217E
125,000hoursmin.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com