Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3926AN Datasheet(PDF) 7 Page - STMicroelectronics

Part # L3926AN
Description  SPEECH AND 14 MEMORY DIALER WITH LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3926AN Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L3926AN Datasheet HTML 3Page - STMicroelectronics L3926AN Datasheet HTML 4Page - STMicroelectronics L3926AN Datasheet HTML 5Page - STMicroelectronics L3926AN Datasheet HTML 6Page - STMicroelectronics L3926AN Datasheet HTML 7Page - STMicroelectronics L3926AN Datasheet HTML 8Page - STMicroelectronics L3926AN Datasheet HTML 9Page - STMicroelectronics L3926AN Datasheet HTML 10Page - STMicroelectronics L3926AN Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VLN
Positive Line Voltage Continuous
12
V
ILN
Line Current
140
mA
VDD
Logic Voltage
7.0
V
VI
Maximum Voltage on Any Pin
GND(-0.3) VDD(+0.3)
V
Tamb
Operating Temperature Range
-25 to +75
°C
Tstg
Storage Temperature
-40 to 125
°C
Ptot
Total Power Dissipation
700
mW
ELECTRICAL CHARACTERISTICS (IL = 10 to 120mA; VDD = 3V; f = 1KHz; Tamb =25
°C, unless other-
wise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Fig.
VLN
Line Voltage
IL = 4mA
IL = 15mA
IL = 120mA
RA = 68K
Ω IL = 15mA
RB = 39K
Ω IL = 15mA
3.15
3.50
3.2
4.1
2.50
3.85
7.0
V
V
V
V
V
3
VDD
Logic Voltage)
TONE MODE
PULSE MODE
2.50
2.20
6.00
6.00
V
V
3
IDD
Supply Current Into VDD
TONE MODE
PULSE MODE
600
400
µA
µA
3
ICC
Supply Current Into VCC
IL = 15mA
1.30
mA
3
ILED
Supply Current to LED
IL = 15mA
IL = 120mA
4
30
mA
mA
3
VMR
Memory Retention Voltage
1.50
V
4
IMR
Memory Retention Current
1.00
µA4
IS
Off-Hook Stand-by Current
VDD = 4.0V
150
250
µA3
IPL
Pulse Output Sink Current
VO = 0.5V
1.00
3.00
mA
3
IPO
Pacifier Tone Sink/Source
Current
VO = 0.5V (Sink)
VO = 2.5V (Source)
1
0.6
3
1.0
mA
mA
3
VIL
HKS, Mode, Keyboard Inputs
Low
0.3xVDD
V-
VIH
HKS, Mode, Keyboard Inputs
High
0.7xVDD
V-
GTX
Transmit Gain
Vmic = 2mVrms
IL = 15mA RGTX = 68K
Ω
IL = 60mA; RGTX = 68K
Ω
50.0
44.5
51.5
46.5
53.0
48.5
dB
dB
6
AGTX
Transmit Gain Variation with
RGTX
IL = 15mA
Vmic = 2mVrms
RGTX = 43K
Ω
RGTX = 27K
Ω
–8
–4
–8
0dB
dB
dB
6
DTX
Transmit Distortion
IL = 15mA VLN = 1Vrms
2
%
6
NTX
Transmit Noise
IL = 15mA; Vmic = 0V
–72
dBmp
6
ZMIC
Microphone Input Impedance
65
K
Ω
L3916A - L3926A - L3936A
7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com