Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2490A Datasheet(PDF) 21 Page - Cadeka Microcircuits LLC.

Part # TMC2490A
Description  Multistandard Digital Video Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2490A Datasheet(HTML) 21 Page - Cadeka Microcircuits LLC.

Back Button TMC2490A Datasheet HTML 17Page - Cadeka Microcircuits LLC. TMC2490A Datasheet HTML 18Page - Cadeka Microcircuits LLC. TMC2490A Datasheet HTML 19Page - Cadeka Microcircuits LLC. TMC2490A Datasheet HTML 20Page - Cadeka Microcircuits LLC. TMC2490A Datasheet HTML 21Page - Cadeka Microcircuits LLC. TMC2490A Datasheet HTML 22Page - Cadeka Microcircuits LLC. TMC2490A Datasheet HTML 23Page - Cadeka Microcircuits LLC. TMC2490A Datasheet HTML 24Page - Cadeka Microcircuits LLC. TMC2490A Datasheet HTML 25Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
PRODUCT SPECIFICATION
TMC2490A
REV. 1.0.2 2/27/02
21
Filtering Within the TMC2490A
The TMC2490A incorporates internal digital filters to estab-
lish appropriate bandwidths and simplify external analog
reconstruction filter designs.
The chroma portion of the incoming digital video is band-
limited to reduce edge effect and other distortions of the
image compression process. Chrominance bandwidth is
selected by CHRBW. When LOW, the chrominance pass-
band attenuation is <3 dB within
±650 kHz from fSC. The
stopband rejection is >26 dB outside fSC
±2 MHz. When
HIGH, the chrominance passband attenuation is <3 dB
within
±1.3 MHz from fSC. The stopband rejection is
>33 dB outside fSC
±4 MHz.
Figure 9. Color-Difference Low-Pass Filter Response
The Chroma Modulator output and the luminance data are
digitally filtered with sharp-cutoff low-pass interpolation fil-
ters. These filters ensure that aliased subcarrier, chromi-
nance, and luminance frequencies are sufficiently suppressed
above the video base-band.
Figure 10. Chrominance and Luminance Interpolation
Filter – Full Spectrum Response
-70
-60
-50
-40
-30
-20
-10
0
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5
Frequency (MHz)
24490A
Wideband
Narrowband
-70
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
9
10 11 12 13
Frequency (MHz)
24487A
Virtually all digital-to-analog converters have a response
with high frequency roll-off as a result of the zero-order hold
characteristic of classic D/A converters. This response is
commonly referred to as a sin(x)/x response. The sin(x)/x vs.
sampling frequency is shown in Figure 12.
Figure 11. Chrominance and Luminance Interpolation
Filter – Passband Detail
The TMC2490A’s digital interpolation filters convert the
data stream to a sample rate of twice the pixel rate. This
results in much less high frequency sin(x)/x rolloff and the
output spectrum between fS/4 and 3 x fS/4 contains very lit-
tle energy. Since there is so little signal energy in this fre-
quency band, the demands placed on the output
reconstruction filter are greatly reduced. The output filter
needs to be flat to fS/4 and have good rejection at 3 x fS/4.
The relaxed requirements greatly simplify the design of a fil-
ter with good phase response and low group delay distortion.
A small amount of peaking may be added to compensate
residual sin(x)/x rolloff.
Figure 12. Sin(x)/x Response
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
0123456
Frequency (MHz)
24488A
-6
-5
-4
-3
-2
-1
0
01
23
456
7
8
Fs=13.5Msps
Fs=27.0Msps
(Oversampled)
Frequency (MHz)
24489A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com