Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3936AD Datasheet(PDF) 1 Page - STMicroelectronics

Part # L3936AD
Description  SPEECH AND 14 MEMORY DIALER WITH LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3936AD Datasheet(HTML) 1 Page - STMicroelectronics

  L3936AD Datasheet HTML 1Page - STMicroelectronics L3936AD Datasheet HTML 2Page - STMicroelectronics L3936AD Datasheet HTML 3Page - STMicroelectronics L3936AD Datasheet HTML 4Page - STMicroelectronics L3936AD Datasheet HTML 5Page - STMicroelectronics L3936AD Datasheet HTML 6Page - STMicroelectronics L3936AD Datasheet HTML 7Page - STMicroelectronics L3936AD Datasheet HTML 8Page - STMicroelectronics L3936AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
L3916A
L3926A - L3936A
SPEECH AND 14 MEMORY DIALER WITH LED DRIVER
ADVANCE DATA
SPEECH CIRCUIT
2 TO 4 WIRES CONVERSION
PRESENT THE PROPER DC PATH FOR THE
LINE CURRENT AND THE FLEXIBILITY TO
ADJUST IT AND ALLOW PARALLEL PHONE
OPERATION
PROVIDES SUPPLY WITH LIMITED CUR-
RENT FOR EXTERNAL CIRCUITRY
SYMMETRICAL HIGH IMPEDANCE MICRO-
PHONE INPUTS SUITABLE FOR DYNAMIC
ELECTRET
OR
PIEZOELECTRIC
TRANSDUCER
ASYMMETRICAL
EARPHONE
OUTPUT
SUITABLE FOR DYNAMIC TRANSDUCER
LINE LOSS COMPENSATION
INTERNAL MUTING TO DISABLE SPEECH
DURING DIALING
LIGHTED DIAL LED CONSUMING 25% OF
LINE CURRENT
DIALER CIRCUIT
32 DIGITS FOR LAST NUMBER REDIAL
BUFFER
18 DIGITS FOR 13 MEMORY REDIAL
ALLOW MIXED MODE DIALING IN EITHER
TONE OR PULSE MODE
PACIFIER TONE PROVIDES AUDIBLE INDI-
CATION OF VALID KEY PRESSED IN A
BUZZER OR/AND IN THE EARPHONE
TIMED PABX PAUSE
FLASH INITIATES TIMED BREAK:
MASK OPTIONS WITH 585ms,300ms,100ms.
CONTINUOUS TONE FOR EACH DIGIT UN-
TIL KEY RELEASE
USES
INEXPENSIVE
3.579545MHz
CE-
RAMIC RESONATOR
POWERED FROM TELEPHONE LINE, LOW
OPERATING VOLTAGE FOR LONG LOOP
APPLICATION
DESCRIPTION
The device consists of the speech and the dialer.
It provides the DC line interface circuit that termi-
nates the telephone line, analog amplifier for
speech transmission and necessary signals for
either DTMF or loop disconnect (pulse) dialing.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
January 1995
PIN CONNECTION (Top view)
KEYPAD CONFIGURATION
DIP28
SO28
ORDERING NUMBERS:
L3916AN
L3916AD
L3926AN
L3926AD
L3936AN
L3936AD
Note: PAUSE/LND:
PAUSE and LND functions are sharing the same key with different
sequence. Hereafter, PAUSE and LND keys arereferring to the same
key.
1/15


Similar Part No. - L3936AD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3934A STMICROELECTRONICS-L3934A Datasheet
188Kb / 15P
SPEECH AND 14 MEMORY DIALER WITH HOLD FUNCTION
Jan-1995
L3934AD STMICROELECTRONICS-L3934AD Datasheet
188Kb / 15P
SPEECH AND 14 MEMORY DIALER WITH HOLD FUNCTION
Jan-1995
L3934AN STMICROELECTRONICS-L3934AN Datasheet
188Kb / 15P
SPEECH AND 14 MEMORY DIALER WITH HOLD FUNCTION
Jan-1995
More results

Similar Description - L3936AD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3916A STMICROELECTRONICS-L3916A Datasheet
124Kb / 14P
SPEECH AND 14 MEMORY DIALER WITH LED DRIVER
Mar-2000
ST3917A STMICROELECTRONICS-ST3917A Datasheet
181Kb / 16P
SPEECH - TONE/PULSE DIALER - LED INDICATOR
Jul-1996
logo
Samsung semiconductor
KA2425A SAMSUNG-KA2425A Datasheet
91Kb / 6P
SPEECH NETWORK WITH DIALER INTERFACE
KA8501A SAMSUNG-KA8501A Datasheet
60Kb / 4P
SPEECH NETWORK WITH DIALER INTERFACE
S1T2425A SAMSUNG-S1T2425A Datasheet
77Kb / 7P
SPEECH NETWORK WITH DIALER INTERFACE
S1T8501 SAMSUNG-S1T8501 Datasheet
61Kb / 6P
SPEECH NETWORK WITH DIALER INTERFACE
logo
Sanyo Semicon Device
LC73720 SANYO-LC73720 Datasheet
284Kb / 12P
Dialer with Memory?
logo
Winbond
W91473 WINBOND-W91473 Datasheet
236Kb / 20P
14-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND LOCK FUNCTION
logo
STMicroelectronics
L3914A STMICROELECTRONICS-L3914A Datasheet
188Kb / 15P
SPEECH AND 14 MEMORY DIALER WITH HOLD FUNCTION
Jan-1995
logo
Samsung semiconductor
KA8504 SAMSUNG-KA8504 Datasheet
55Kb / 4P
SPEECH NETWORK WITH DIALER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com