Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC3003 Datasheet(PDF) 11 Page - Cadeka Microcircuits LLC.

Part # TMC3003
Description  Triple Video D/A Converter 10 bit, 80 Msps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC3003 Datasheet(HTML) 11 Page - Cadeka Microcircuits LLC.

Back Button TMC3003 Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC3003 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC3003 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC3003 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC3003 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC3003 Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC3003 Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC3003 Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC3003 Datasheet HTML 12Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PRODUCT SPECIFICATION
TMC3003
REV. 1.0.3 3/5/01
11
Mechanical Dimensions – 48-Lead LQFP Package
D
E1
E
e
PIN 1
IDENTIFIER
B
Base Plane
Seating Plane
See Lead Detail
C
0.063" Ref (1.60mm)
L
-C-
ccc
C
LEAD COPLANARITY
A2
A
A1
α
A
.055
.063
1.40
1.60
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
A1
.001
.005
.05
.15
.057
1.45
A2
.053
1.35
B
.006
.010
.17
.27
D/E
D1/E1
.019 BSC
.346
.362
8.8
9.2
.268
.284
6.8
7.2
.50 BSC
e
L
.017
.029
.45
.75
6
4
5
2
7
8
α
0
°
7
°
0
°
7
°
N48
48
12
12
ND
ccc
.004
0.08
Notes:
1.
2.
3.
4.
5.
6.
7.
8.
D1
All dimensions and tolerances conform to ANSI Y14.5M-1982.
Dimensions "D1" and "E1" do not include mold protrusion.
Allowable protrusion is 0.25mm per side. D1 and E1 are maximum
plastic body size dimensions including mold mismatch.
Pin 1 identifier is optional.
Dimension ND: Number of terminals.
Dimension ND: Number of terminals per package edge.
"L" is the length of terminal for soldering to a substrate.
Dimension "B" does not include dambar protrusion. Allowable
dambar protrusion shall not cause the lead width to exceed the
maximum B dimension by more than 0.08mm. Dambar can not be
located on the lower radius or the foot. Minimum space between
protrusion and an adjacent lead is 0.07mm for 0.4mm and 0.5mm
pitch packages.
To be determined at seating place —C—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com